Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPCLOCK5600A Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ISPCLOCK5600A
Description  In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPCLOCK5600A Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ISPCLOCK5600A Datasheet HTML 4Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 5Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 6Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 7Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 8Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 9Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 10Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 11Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
Lattice Semiconductor
ispClock5600A Family Data Sheet
1-8
Switching Characteristics – Timing Adders for I/O Modes
Adder Type
Description
Min.
Typ.
Max.
Units
tIOI Input Adders
2
LVTTL_in
Using LVTTL Standard
0
0
0
ps
LVCMOS18_in
Using LVCMOS 1.8V Standard
-99
80
315
ps
LVCMOS25_in
Using LVCMOS 2.5V Standard
0
0
0
ps
LVCMOS33_in
Using LVCMOS 3.3V Standard
0
0
0
ps
SSTL18_in
Using SSTL18 Standard
10
360
642
ps
SSTL2_in
Using SSTL2 Standard
64
420
679
ps
SSTL3_in
Using SSTL3 Standard
34
380
630
ps
HSTL_in
Using HSTL Standard
231
672
1064
ps
eHSTL_in
Using eHSTL Standard
128
514
846
ps
LVDS_in
Using LVDS Standard
118
426
651
ps
LVPECL_in
Using LVPECL Standard
201
593
937
ps
tIOO Output Adders
1, 3
LVTTL_out
Output Configured as LVTTL Buffer
116
395
553
ps
LVCMOS18_out
Output Configured as LVCMOS 1.8V Buffer
155
510
730
ps
LVCMOS25_out
Output Configured as LVCMOS 2.5V Buffer
124
387
592
ps
LVCMOS33_out
Output Configured as LVCMOS 3.3V Buffer
116
395
553
ps
SSTL2_out
Output Configured as SSTL2 Buffer
-109
66
209
ps
SSTL3_out
Output Configured as SSTL3 Buffer
-97
78
242
ps
SSTL18_out_diff
Output Configured as SSTL18 Buffer (Differential)
-153
41
228
ps
HSTL_out_diff
Output Configured as HSTL Buffer (Differential)
-4
180
402
ps
eHSTL_out_diff
Output Configured as eHSTL Buffer (Differential)
-16
173
375
ps
SSTL_out_diff
Output Configured as SSTL2 Buffer (Differential)
-146
83
305
ps
LVDS_out
Output Configured as LVDS Buffer
0
0
0
ps
LVPECL_out
Output Configured as LVPECL Buffer
-187
-17
57
ps
tIOS Output Slew Rate Adders
1
Slew_1
Output Slew_1 (Fastest)
0
ps
Slew_2
Output Slew_2
330
ps
Slew_3
Output Slew_3
660
ps
Slew_4
Output Slew_4 (Slowest)
1320
ps
1. Measured under standard output load conditions. See Figures 1-3-1-5.
2. All input adders referenced to LVCMOS33.
3. All output adders referenced to LVDS.


Similar Part No. - ISPCLOCK5600A

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5600 LATTICE-ISPCLOCK5600 Datasheet
871Kb / 47P
   In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
More results

Similar Description - ISPCLOCK5600A

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5600 LATTICE-ISPCLOCK5600 Datasheet
871Kb / 47P
   In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5300S LATTICE-ISPCLOCK5300S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
logo
Integrated Circuit Syst...
ICS95V860 ICST-ICS95V860 Datasheet
85Kb / 10P
   2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com