Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPCLOCK5620A Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPCLOCK5620A
Description  In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPCLOCK5620A Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPCLOCK5620A Datasheet HTML 6Page - Lattice Semiconductor ISPCLOCK5620A Datasheet HTML 7Page - Lattice Semiconductor ISPCLOCK5620A Datasheet HTML 8Page - Lattice Semiconductor ISPCLOCK5620A Datasheet HTML 9Page - Lattice Semiconductor ISPCLOCK5620A Datasheet HTML 10Page - Lattice Semiconductor ISPCLOCK5620A Datasheet HTML 11Page - Lattice Semiconductor ISPCLOCK5620A Datasheet HTML 12Page - Lattice Semiconductor ISPCLOCK5620A Datasheet HTML 13Page - Lattice Semiconductor ISPCLOCK5620A Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Lattice Semiconductor
ispClock5600A Family Data Sheet
1-10
Figure 1-5. LVDS/LVPECL Termination Load
Figure 1-6. Differential HSTL/SSTL Termination Load
ispCLOCK
50Ω/36"
34Ω
34Ω
50Ω/36"
0.1U
0.1U
44.2Ω
3pF
(parasitic)
3pF
(parasitic)
SCOPE
50Ω
50Ω
5pF
5pF
ChA
ChB
50Ω/3"
50Ω/1"
50Ω/3"
50Ω/1"
Interface Circuit
33.2Ω
33.2Ω
ispCLOCK
950Ω
950Ω
50Ω
50Ω
SCOPE
50Ω
50Ω
5pF
5pF
50Ω/3"
50Ω/1"
50Ω/3"
50Ω/1"
VTERM


Similar Part No. - ISPCLOCK5620A

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5600 LATTICE-ISPCLOCK5600 Datasheet
871Kb / 47P
   In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
More results

Similar Description - ISPCLOCK5620A

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5600 LATTICE-ISPCLOCK5600 Datasheet
871Kb / 47P
   In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5300S LATTICE-ISPCLOCK5300S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
logo
Integrated Circuit Syst...
ICS95V860 ICST-ICS95V860 Datasheet
85Kb / 10P
   2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com