Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI2032VE300LT44I Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ISPLSI2032VE300LT44I
Description  3.3V In-System Programmable High Density SuperFAST??PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VE300LT44I Datasheet(HTML) 3 Page - Lattice Semiconductor

  ISPLSI2032VE300LT44I Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2032VE300LT44I Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032VE300LT44I Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032VE300LT44I Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032VE300LT44I Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032VE300LT44I Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VE300LT44I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VE300LT44I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VE300LT44I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Specifications ispLSI 2032VE
3
Absolute Maximum Ratings 1
Supply Voltage Vcc .................................. -0.5 to +5.4V
Input Voltage Applied ............................... -0.5 to +5.6V
Off-State Output Voltage Applied ............ -0.5 to +5.6V
Storage Temperature .............................. -65 to +150°C
Case Temp. with Power Applied .............. -55 to 125°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
C
SYMBOL
Table 2-0006/2032VE
C
PARAMETER
I/O Capacitance
6
UNITS
TYPICAL
TEST CONDITIONS
1
2
8
Dedicated Input Capacitance
pf
pf
V = 3.3V, V
= 0.0V
V = 3.3V, V = 0.0V
CC
CC
I/O
IN
C
Clock Capacitance
10
3
pf
V = 3.3V, V = 0.0V
CC
Y
TA = 0°C to + 70°C
TA = -40°C to + 85°C
SYMBOL
Table 2-0005/2032VE
VCC
VIH
VIL
PARAMETER
Supply Voltage
Input High Voltage
Input Low Voltage
MIN.
MAX.
UNITS
3.0
3.0
2.0
V – 0.5
3.6
3.6
5.25
0.8
V
V
V
V
SS
Commercial
Industrial
Erase Reprogram Specifications
Table 2-0008A/2032VE
PARAMETER
MINIMUM
MAXIMUM
UNITS
Erase/Reprogram Cycles
10,000
Cycles
Capacitance (T
A=25°C, f=1.0 MHz)
DC Recommended Operating Condition


Similar Part No. - ISPLSI2032VE300LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032VE LATTICE-ISPLSI2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LB49 LATTICE-ISPLSI2032VE-110LB49 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LJ44 LATTICE-ISPLSI2032VE-110LJ44 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LT44 LATTICE-ISPLSI2032VE-110LT44 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LT48 LATTICE-ISPLSI2032VE-110LT48 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2032VE300LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com