Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI1048E100LTI Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPLSI1048E100LTI
Description  In-System Programmable High Density PLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1048E100LTI Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPLSI1048E100LTI Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1048E100LTI Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1048E100LTI Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1048E100LTI Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1048E100LTI Datasheet HTML 9Page - Lattice Semiconductor ISPLSI1048E100LTI Datasheet HTML 10Page - Lattice Semiconductor ISPLSI1048E100LTI Datasheet HTML 11Page - Lattice Semiconductor ISPLSI1048E100LTI Datasheet HTML 12Page - Lattice Semiconductor ISPLSI1048E100LTI Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Specifications ispLSI 1048E
9
Internal Timing Parameters1
tob
1. Internal timing parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
Table 2-0037A/1048E
Outputs
UNITS
-100
MIN.
-90
MIN.
MAX.
MAX.
DESCRIPTION
#
PARAMETER
49 Output Buffer Delay
1.7
ns
toen
51 I/O Cell OE to Output Enabled
6.4
ns
tgy0
54 Clock Delay, Y0 to Global GLB Clock Line (Ref. clock)
2.0
2.8
2.8
ns
Global Reset
2.0
5.1
Clocks
2.0
tgr
59 Global Reset to GLB and I/O Registers
4.5
ns
4.3
todis
52 I/O Cell OE to Output Disabled
6.4
ns
5.1
tgy1/2
55 Clock Delay, Y1 or Y2 to Global GLB Clock Line
2.0
2.8
2.8
ns
2.0
tgcp
56 Clock Delay, Clock GLB to Global GLB Clock Line
0.8
0.8
1.8
ns
1.8
tioy2/3
57 Clock Delay, Y2 or Y3 to I/O Cell Global Clock Line
0.0
0.0
0.5
ns
0.0
tiocp
58 Clock Delay, Clock GLB to I/O Cell Global Clock Line
0.8
0.8
1.8
ns
1.8
tgoe
53 Global OE
2.6
ns
3.9
tsl
50 Output Slew Limited Delay Adder
12.0
ns
10.0
-125
MIN. MAX.
0.9
1.3
4.3
0.9
2.8
4.3
0.9
0.9
0.8
1.8
0.0
0.0
0.8
1.8
2.7
10.0


Similar Part No. - ISPLSI1048E100LTI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1048EA-100LQ128 LATTICE-ISPLSI1048EA-100LQ128 Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1048EA-100LT128 LATTICE-ISPLSI1048EA-100LT128 Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1048EA-125LQ128 LATTICE-ISPLSI1048EA-125LQ128 Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1048EA-125LT128 LATTICE-ISPLSI1048EA-125LT128 Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1048EA-170LQ128 LATTICE-ISPLSI1048EA-170LQ128 Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI1048E100LTI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com