Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6210C40AML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6210C40AML
Description  High Current, High Speed LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6210C40AML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6210C40AML Datasheet HTML 1Page - Torex Semiconductor XC6210C40AML Datasheet HTML 2Page - Torex Semiconductor XC6210C40AML Datasheet HTML 3Page - Torex Semiconductor XC6210C40AML Datasheet HTML 4Page - Torex Semiconductor XC6210C40AML Datasheet HTML 5Page - Torex Semiconductor XC6210C40AML Datasheet HTML 6Page - Torex Semiconductor XC6210C40AML Datasheet HTML 7Page - Torex Semiconductor XC6210C40AML Datasheet HTML 8Page - Torex Semiconductor XC6210C40AML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/22
XC6210 Series
PIN NUMBER
SOT-25
SOT-89-5
USP-6B
PIN NAME
FUNCTION
3
1
1
CE
ON/OFF Control
1
4
3
VIN
Power Input
2
2
4
VSS
Ground
5
5
5
VOUT
Output
4
3
2, 6
NC
No Connection
SERIES
CE INPUT LOGIC
XC6210A
High Active with Pull-Down Resistor
XC6210B
High Active with No Pull-Down Resistor
XC6210C
Low Active with Pull-Up Resistor
XC6210D
Low Active with No Pull-Up Resistor
DESIGNATOR
DESRIPTION
SYMBOL
DESCRIPTION
A
: High Active with pull-down resistor
B
: High Active with no pull-down resistor
C
: Low Active with pull-up resistor
CE Pin Functions
D
: Low Active with no pull-up resistor
② ③
Output Voltage
08~50
: ex.) 3.0V
→ ②=3, ③=0
2
: 100mV increments, +2% (VOUT<1.5V
→less than +30mV)
ex.) 2.80V
→②=2, ③=8, ④=2
Output Voltage Accuracy
A
: 50mV increments, +2% (VOUT<1.5V
→less than +30mV)
ex.) 2.85V
→②=2, ③=8, ④=A
M
: SOT-25 (SOT-23-5)
P
: SOT-89-5
Packages
D
: USP-6B
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
■PIN CONFIGURATION
1
2
3
4
5
NC
VOUT
VIN VSS CE
SOT-25 (TOP VIEW)
4
5
3
2
1
NC
VSS
CE
VOUT
VIN
SOT-89-5 (TOP VIEW)
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Selection Guide
CE Input Logic, Internal Pull-Up / Down Resistor
●Ordering Information
XC6210
①②③④⑤⑥
*The
dissipation
pad
for
the
USP-6B
package
should
be
solder-plated
in
recommended
mount pattern and metal masking
so
as
to
enhance
mounting
strength and heat release.
If the
pad needs to be connected to
other pins, it should be connected
to the VSS pins.
USP-6B
(BOTTOM VIEW)


Similar Part No. - XC6210C40AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210C TOREX-XC6210C Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results

Similar Description - XC6210C40AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com