Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6210D40AML Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6210D40AML
Description  High Current, High Speed LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6210D40AML Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6210D40AML Datasheet HTML 3Page - Torex Semiconductor XC6210D40AML Datasheet HTML 4Page - Torex Semiconductor XC6210D40AML Datasheet HTML 5Page - Torex Semiconductor XC6210D40AML Datasheet HTML 6Page - Torex Semiconductor XC6210D40AML Datasheet HTML 7Page - Torex Semiconductor XC6210D40AML Datasheet HTML 8Page - Torex Semiconductor XC6210D40AML Datasheet HTML 9Page - Torex Semiconductor XC6210D40AML Datasheet HTML 10Page - Torex Semiconductor XC6210D40AML Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
XC6210
Series
VR OUTPUT VOLTAGE
0.8V~1.45V
1.5V ~ 1.75V
1.8V ~ 5.0V
CL
More than 6.8
μF
More than 4.7
μF
More than 1.0
μF
■TEST CIRCUITS
●Circuit ①
V
A
V
VIN
CIN
CL
VCE
VIN
VOUT
CE
VSS
R
L
●Circuit ②
VIN
VOUT
CE
VSS
A
●Circuit ③
●Output Capacitor Corresponding Chart
RL
CL
VIN
VOUT
CE
VSS
V
V
VIN={VOUT+1.0V}VDC+0.5Vp-pAC
VOUT>4.75V
VIN=5.75VDC+0.5Vp-pAC
IOUT=30mA
VOUT
≧4.75V


Similar Part No. - XC6210D40AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210D TOREX-XC6210D Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results

Similar Description - XC6210D40AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com