Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6216BB92ML Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6216BB92ML
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BB92ML Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6216BB92ML Datasheet HTML 1Page - Torex Semiconductor XC6216BB92ML Datasheet HTML 2Page - Torex Semiconductor XC6216BB92ML Datasheet HTML 3Page - Torex Semiconductor XC6216BB92ML Datasheet HTML 4Page - Torex Semiconductor XC6216BB92ML Datasheet HTML 5Page - Torex Semiconductor XC6216BB92ML Datasheet HTML 6Page - Torex Semiconductor XC6216BB92ML Datasheet HTML 7Page - Torex Semiconductor XC6216BB92ML Datasheet HTML 8Page - Torex Semiconductor XC6216BB92ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3/41
XC6216/XE6216
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
: Fixed output voltage, High Active
C
: Output voltage externally set, High Active
Type and Options of
Regulators
D
: Fixed output voltage, No CE function
20 ~ 99
: For the voltage within 2.0V ~9.9V;
e.g. 2.5V ⇒ 25
5.0V ⇒ 50
A0 ~ A9
B0 ~ B9
C0
: For the voltage above 10.0V;
e.g. 10.6V ⇒ A6
11.2V ⇒ B2
12.0V ⇒ C0
②③
Output Voltage
20
: For C type (output voltage externally set), VOFB=2.0V only
2
: Within ±2% accuracy
Output Voltage
Accuracy
1*
: Within ±1% accuracy
M
: SOT-25 ( for B and C types only)
: SOT-89 (for D type only)
P
: SOT-89-5 (for B and C types only)
E
: USP-6C (for B and C types only)
F
: SOT-223 (for D type only)
Packages
J
: TO-252 (for D type only)
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
: Fixed output voltage, High Active
Type and Options of
Regulators
D
: Fixed output voltage, without CE function
20 ~ 99
: For the voltage within 2.0V ~9.9V;
e.g. 2.5V ⇒ 25
5.0V ⇒ 50
A0 ~ A9
B0 ~ B9
C0
: For the voltage above 10.0V;
e.g. 10.6V ⇒ A6
11.2V ⇒ B2
12.0V ⇒ C0
②③
Output Voltage
20
: For C type (output voltage externally set), VOFB=2.0V only
Output Voltage
Accuracy
2
: Within ±2% accuracy
M
: SOT-25 ( for B type only) *
: SOT-89 (for D type only) *
P
: SOT-89-5 (for B type only)
Package
E
: USP-6C (for B type only) *
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
■ PRODUCT CLASSIFICATION
●Ordering Information
XC6216①②③④⑤⑥
*The XE6216Bxx2M, XE6216Dxx2P, XC6216Bxx2E are under development.
XE6216①②③④⑤⑥
* 1% Output Voltage Accuracy is not available in XC6216C.


Similar Part No. - XC6216BB92ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216BB21ER TOREX-XC6216BB21ER Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216BB21FR TOREX-XC6216BB21FR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216BB21FR-G TOREX-XC6216BB21FR-G Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216BB21JR TOREX-XC6216BB21JR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216BB21MR TOREX-XC6216BB21MR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results

Similar Description - XC6216BB92ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
logo
NIHON DEMPA KOGYO
NT2016SD NDK-NT2016SD Datasheet
299Kb / 1P
   Equipped with the temperature sensor voltage output function and Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com