Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675STR Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM6675STR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675STR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM6675STR Datasheet HTML 6Page - STMicroelectronics PM6675STR Datasheet HTML 7Page - STMicroelectronics PM6675STR Datasheet HTML 8Page - STMicroelectronics PM6675STR Datasheet HTML 9Page - STMicroelectronics PM6675STR Datasheet HTML 10Page - STMicroelectronics PM6675STR Datasheet HTML 11Page - STMicroelectronics PM6675STR Datasheet HTML 12Page - STMicroelectronics PM6675STR Datasheet HTML 13Page - STMicroelectronics PM6675STR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Electrical characteristics
PM6675S
10/53
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
SMPS output
VOUT
SMPS fixed output voltage
VSEL connected to AVCC,
NOSKIP tied to SGND, No Load
1.5
V
Feedback output voltage
accuracy
-1.5
1.5
%
Current limit and zero crossing comparator
ICSNS
CSNS input bias current
90
100
110
µA
Comparator offset
-6
6
mV
Positive current limit threshold VPGND - VCSNS
100
Fixed negative current limit
threshold
110
VZC,OFFS
Zero crossing comparator
offset
-11
-5
1
High and low side gate drivers
HGATE driver on-resistance
HGATE high state (pull-up)
2.0
3
HGATE low state (pull-down)
1.8
2.7
LGATE driver on-resistance
LGATE high state (pull-up)
1.4
2.1
LGATE low state (pull-down)
0.6
0.9
UVP/OVP protections and PGOOD signals
OVP
Over voltage threshold
112
115
118
%
UVP
Under voltage threshold
67
70
73
PGOOD
SMPS upper threshold
107
110
113
SMPS lower threshold
86
90
93
LDO upper threshold
107
110
113
LDO lower threshold
86
90
93
IPG,LEAK
SPG and LPG Leakage
Current
SPG and LPG forced to 5.5 V
1
µA
VPG,LOW
SPG and LPG Low Level
Voltage
ILPG,SINK = ISPG,SINK = 4 mA
150
250
mV
Soft-start section (SMPS)
Soft-start ramp time
(4 steps current limit)
23
4
ms
Soft-start current limit step
25
µA
Table 6.
Electrical characteristics (continued)
TA = 0 °C to 85 °C, VCC = AVCC = +5 V, LIN = 1.5 V and LOUT = 0.6 V, if not otherwise
specified (1)


Similar Part No. - PM6675STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6675 STMICROELECTRONICS-PM6675 Datasheet
656Kb / 47P
   Very fast load transient response using constant on-time control loop
January 2007 Rev 1
PM6675A STMICROELECTRONICS-PM6675A Datasheet
265Kb / 15P
   Latched OVP and UVP
October 2006 Rev 1
PM6675AS STMICROELECTRONICS-PM6675AS Datasheet
2Mb / 48P
   High efficiency step-down controller with embedded 2 A LDO regulator
PM6675ASTR STMICROELECTRONICS-PM6675ASTR Datasheet
2Mb / 48P
   High efficiency step-down controller with embedded 2 A LDO regulator
More results

Similar Description - PM6675STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6675AS STMICROELECTRONICS-PM6675AS Datasheet
2Mb / 48P
   High efficiency step-down controller with embedded 2 A LDO regulator
STEVAL-ISB002V1 STMICROELECTRONICS-STEVAL-ISB002V1 Datasheet
122Kb / 4P
   High efficiency step-down controller demonstration board with embedded 2 A LDO regulator based on the ST72F324L
November 2010 Rev 1
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com