Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL7913A Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHFL7913A
Description  Rad-hard adjustable negative voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL7913A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHFL7913A Datasheet HTML 6Page - STMicroelectronics RHFL7913A Datasheet HTML 7Page - STMicroelectronics RHFL7913A Datasheet HTML 8Page - STMicroelectronics RHFL7913A Datasheet HTML 9Page - STMicroelectronics RHFL7913A Datasheet HTML 10Page - STMicroelectronics RHFL7913A Datasheet HTML 11Page - STMicroelectronics RHFL7913A Datasheet HTML 12Page - STMicroelectronics RHFL7913A Datasheet HTML 13Page - STMicroelectronics RHFL7913A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Application information
RHFL7913A
10/19
6
Application information
Adjusting output voltage: R1 resistor must be connected between VO and ADJ pins. R2
resistor must be connected between ADJ and GND pins. Resistor values can be derived
from the following formula:
VO = VADJ (1 + R1/R2) with VADJ = -1.20 V
To access all RHFL7913A adjustable functionality, V (+) shall be set at 3.0 V (max 5 V). As a
consequence, VI (-) cannot be greater than –9.0 V (resp. –7 V) due to –12 V maximum
operation rating.
The device is functional as soon as VI - VO voltage difference is slightly above power
element saturation voltage. The adjustable pin to Ground resistor shall not be greater than
10 k
Ω to make output feedback error be below 0.2%. A minimum 0.5 mA IO is necessary to
set to ensure perfect “no-load” regulation. It can be wise to dissipate this current into the
divider bridge resistor.
All available VI pins shall always be PCB interconnected, the same for all available VO pins,
otherwise device stability and reliability cannot be granted. The INHIBIT function switches
off output current in an electronic way, is very quickly. According to Lenz’ Law, external
circuitry reacts with –LdI/dt terms which can be of high amplitude in case some series-
inductance exists. Effect would be large transient voltage developed on both device
terminals. External Schottky diodes set on VI and VO may prevent voltage excursions
beyond max ratings. In the worst case, a 14 V Zener diode shall protect the device input. In
case of capacitive load, a input-output protection diode can be necessary to prevent VO to
be greater than VI during transient operation.
The device has been designed for high stability and low drop out operation: minimum 1 µF
input and output tantalum capacitors are therefore mandatory. Typical industry PCB design
practices 10 µF capacitors values are acceptable. Capacitor ESR range is from 0.020
Ω to
over 20
Ω. Such range turns out to be useful when ESR increases at low temperature. When
large transient currents are expected, larger value capacitors are necessary.
In case of high current operation with expected short-circuit events, caution shall be
considered relatively to capacitors. They shall be connected as close as possible form
device terminals. As some tantalum capacitors may permanently fail when submitted to high
charge-up surge currents, it is recommended to decouple them with 470 nF polyester or
ceramic capacitors.
RHFL7913A adjustable being manufactured with very high speed bipolar technology (6 GHz
fT transistors), the PCB layout shall be performed with unprecedented care, very low
inductance, low mutually coupling lines, otherwise high frequency parasitic signals may be
picked-up by the Device resulting into system self-oscillation. In difficult high current
circumstances (coming from PCB layout) a 470 nF polyester capacitor connected between
VO and ADJ pin increases stability margins. Benefit is SVR performances extended to far
higher frequencies.


Similar Part No. - RHFL7913A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
More results

Similar Description - RHFL7913A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
logo
Anaren Microwave
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
   RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
   ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5972RH ANAREN-MSK5972RH Datasheet
472Kb / 8P
   RAD HARD 1.5A, ADJUSTABLE LINEAR REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5940 ANAREN-MSK5940 Datasheet
415Kb / 6P
   RAD HARD NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com