Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL7913KPA1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHFL7913KPA1
Description  Rad-hard adjustable negative voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL7913KPA1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHFL7913KPA1 Datasheet HTML 5Page - STMicroelectronics RHFL7913KPA1 Datasheet HTML 6Page - STMicroelectronics RHFL7913KPA1 Datasheet HTML 7Page - STMicroelectronics RHFL7913KPA1 Datasheet HTML 8Page - STMicroelectronics RHFL7913KPA1 Datasheet HTML 9Page - STMicroelectronics RHFL7913KPA1 Datasheet HTML 10Page - STMicroelectronics RHFL7913KPA1 Datasheet HTML 11Page - STMicroelectronics RHFL7913KPA1 Datasheet HTML 12Page - STMicroelectronics RHFL7913KPA1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
RHFL7913A
Device description
9/19
5.6
Alternates to
RHFL7913A is recommended to replace all industry negative regulators due to its
exceptional radiation performances. To replace 3-terminal industry devices, use customized
RHFL7913 fixed voltage versions.


Similar Part No. - RHFL7913KPA1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
More results

Similar Description - RHFL7913KPA1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
logo
Anaren Microwave
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
   RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
   ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5972RH ANAREN-MSK5972RH Datasheet
472Kb / 8P
   RAD HARD 1.5A, ADJUSTABLE LINEAR REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5940 ANAREN-MSK5940 Datasheet
415Kb / 6P
   RAD HARD NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com