Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6701DD2FR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6701DD2FR
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DD2FR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6701DD2FR Datasheet HTML 1Page - Torex Semiconductor XC6701DD2FR Datasheet HTML 2Page - Torex Semiconductor XC6701DD2FR Datasheet HTML 3Page - Torex Semiconductor XC6701DD2FR Datasheet HTML 4Page - Torex Semiconductor XC6701DD2FR Datasheet HTML 5Page - Torex Semiconductor XC6701DD2FR Datasheet HTML 6Page - Torex Semiconductor XC6701DD2FR Datasheet HTML 7Page - Torex Semiconductor XC6701DD2FR Datasheet HTML 8Page - Torex Semiconductor XC6701DD2FR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4/32
XC6701 Series
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
VSS-0.3~30
V
Output Current
IOUT
300
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3~30
V
250
SOT-25
600(wiring on the PCB) *2
500
SOT-89-5
1300(wiring on the PCB) *2
100
Power Dissipation
USP-6C
Pd
1000(wiring on the PCB) *2
mW
(TJ=25
℃)
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
VSS-0.3~30
V
Output Current
IOUT
300
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
SOT-89
500
300
SOT-223
1500(wiring on the PCB) *2
Power Dissipation
TO-252
Pd
500
mW
(TJ=25
℃)
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
■ABSOLUTE MAXIMUM RATINGS
●XC6701B Series
(SOT-25, SOT-89-5, USP-6C)
●XC6701D Series
(SOT-89, SOT-223, TO-252)
●XC6701B Series
●XC6701D Series
*1: IOUT
≦Pd / (VIN-VOUT)
*2: The values of power dissipation is a reference data at wiring on the PCB.
Please see the condition in page 27.
■ BLOCK DIAGRAMS
*1: IOUT
≦Pd / (VIN-VOUT)
*2: The values of power dissipation is a reference data at wiring on the PCB.
Please see the condition in page 27.
R1
R2
R1
R2


Similar Part No. - XC6701DD2FR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701D182ER TOREX-XC6701D182ER Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182ER-G TOREX-XC6701D182ER-G Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182FR TOREX-XC6701D182FR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182JR TOREX-XC6701D182JR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182MR TOREX-XC6701D182MR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results

Similar Description - XC6701DD2FR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com