Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6109C39ANL Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6109C39ANL
Description  Voltage Detector with Delay Type Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109C39ANL Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6109C39ANL Datasheet HTML 3Page - Torex Semiconductor XC6109C39ANL Datasheet HTML 4Page - Torex Semiconductor XC6109C39ANL Datasheet HTML 5Page - Torex Semiconductor XC6109C39ANL Datasheet HTML 6Page - Torex Semiconductor XC6109C39ANL Datasheet HTML 7Page - Torex Semiconductor XC6109C39ANL Datasheet HTML 8Page - Torex Semiconductor XC6109C39ANL Datasheet HTML 9Page - Torex Semiconductor XC6109C39ANL Datasheet HTML 10Page - Torex Semiconductor XC6109C39ANL Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
XC6109
Series
Delay Capacitance [Cd]
(μF)
Release Delay Time [TDR] (TYP.)
(ms)
Release Delay Time [TDR] (MIN. ~ MAX.)
(ms)
0.01
13.8
11.0 ~ 16.6
0.022
30.4
24.3 ~ 36.4
0.047
64.9
51.9 ~ 77.8
0.1
138
110 ~ 166
0.22
304
243~ 364
0.47
649
519 ~ 778
1
1380
1100 ~ 1660
■OPERATIONAL EXPLANATION
A typical circuit example is shown in Figure 1, and the timing chart of Figure 1 is shown in Figure 2 on the next page.
① As an early state, the input voltage pin is applied sufficiently high voltage to the release voltage and the delay capacitance
(Cd) is charged to the input pin voltage. While the input pin voltage (VIN) starts dropping to reach the detect voltage
(VDF) (VIN > VDF), the output voltage (VOUT) keeps the “High” level (=VIN).
② When the input pin voltage keeps dropping and becomes equal to the detect voltage (VIN = VDF), an N-ch transistor for
the delay capacitance discharge is turned ON, and starts to discharge the delay capacitance. For the internal circuit,
which uses the delay capacitance pin as power input, the reference voltage operates as a comparator of VIN, and the
output voltage changes into the “Low” level (≦VIN×0.1). The detect delay time (TDF) is defined as time which ranges
from VIN =VDF to the VOUT of “Low” level (especially, when the Cd pin is not connected: TDF0).
③ While the input pin voltage keeps below the detect voltage, and 0.7V or more, the delay capacitance is discharged to the
ground voltage (=VSS) level. Then, the output voltage (VOUT) maintains the “Low” level.
④ While the input pin voltage drops to 0.7V or less and it increases again to 0.7V or more, the output voltage may not be
able to maintain the “Low” level. Such an operation is called “Unspecified Operation”, and voltage which occurs at the
output pin voltage is defined as unstable operating voltage (VUNS).
⑤ While the input pin voltage increases more than 0.7V and it reaches to the release voltage level (VIN<VDF +VHYS), the
output voltage (VOUT) maintains the “Low” level.
⑥ When the input pin voltage continues to increase more than 0.7V up to the release voltage level (= VDF + VHYS), the N-ch
transistor for the delay capacitance discharge will be turned OFF, and the delay capacitance will be started discharging
via a delay resistor (Rdelay). The internal circuit, which uses the delay capacitance pin as power input, will operate as a
hysteresis comparator (Rise Logic Threshold: VTLH=VTCD, Fall Logic Threshold: VTHL=VSS) while the input pin voltage
keeps higher than the detect voltage (VIN > VDF).
⑦ While the input pin voltage becomes equal to the release voltage or higher and keeps the detect voltage or higher, the
delay capacitance (Cd) will be charged up to the input pin voltage. When the delay capacitance pin voltage (VCD)
reaches to the delay capacitance pin threshold voltage (VTCD), the output voltage changes into the “High” (=VIN) level.
TDR is defined as time which ranges from VIN =VDF+VHYS to the VOUT of “High” level (especially when the Cd pin is not
connected: TDR0). TDR can be given by the formula (1).
TDR =
Rdelay×Cd×In (1VTCD / VIN) +TDR0 …(1)
* In = a natural logarithm
The release delay time can also be briefly calculated with the formula (2) because the delay resistance is 2.0MΩ(TYP.) and
the delay capacitance pin threshold voltage is VIN /2 (TYP.)
TDR=Rdelay
×Cd×0.69 (2)
* Rdelay is 2.0MΩ(TYP.)
As an example, presuming that the delay capacitance is 0.68μF, TDR is :
2.0
×10
6×0.68×10-6×0.69=938(ms)
* Note that the release delay time may remarkably be short when the delay capacitance is not discharged to the ground
(=VSS) level because time described in ③ is short.
⑧ While the input pin voltage is higher than the detect voltage (VIN > VDF), therefore, the output voltage maintains the
“High”(=VIN) level.
●Release Delay Time Chart


Similar Part No. - XC6109C39ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109C3 TOREX-XC6109C3 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6109C3XXNX TOREX-XC6109C3XXNX Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
More results

Similar Description - XC6109C39ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com