Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6701DG2FR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6701DG2FR
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DG2FR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6701DG2FR Datasheet HTML 5Page - Torex Semiconductor XC6701DG2FR Datasheet HTML 6Page - Torex Semiconductor XC6701DG2FR Datasheet HTML 7Page - Torex Semiconductor XC6701DG2FR Datasheet HTML 8Page - Torex Semiconductor XC6701DG2FR Datasheet HTML 9Page - Torex Semiconductor XC6701DG2FR Datasheet HTML 10Page - Torex Semiconductor XC6701DG2FR Datasheet HTML 11Page - Torex Semiconductor XC6701DG2FR Datasheet HTML 12Page - Torex Semiconductor XC6701DG2FR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9/32
XC6701
Series
SYMBOL
E-0
E-1
E-2
PARAMETER
SETTING
OUTPUT
VOLTAGE (V)
OUTPUT VOLTAGE
(V)
(2% products)
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
VOUT
Vdif1
Vdif2
VOUT(T)
(V)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
10.1
9.898
10.302
120
170
650
850
10.2
9.996
10.404
120
170
650
850
10.3
10.094
10.506
120
170
650
850
10.4
10.192
10.608
120
170
650
850
10.5
10.290
10.710
120
170
650
850
10.6
10.388
10.812
120
170
650
850
10.7
10.486
10.914
120
170
650
850
10.8
10.584
11.016
120
170
650
850
10.9
10.682
11.118
120
170
650
850
11.0
10.780
11.220
120
170
650
850
11.1
10.878
11.322
120
170
650
850
11.2
10.976
11.424
120
170
650
850
11.3
11.074
11.526
120
170
650
850
11.4
11.172
11.628
120
170
650
850
11.5
11.270
11.730
120
170
650
850
11.6
11.368
11.832
120
170
650
850
11.7
11.466
11.934
120
170
650
850
11.8
11.564
12.036
120
170
650
850
11.9
11.662
12.138
120
170
650
850
12.0
11.760
12.240
120
170
650
850
12.1
11.858
12.342
120
170
650
850
12.2
11.956
12.444
120
170
650
850
12.3
12.054
12.546
120
170
650
850
12.4
12.152
12.648
120
170
650
850
12.5
12.250
12.750
120
170
650
850
12.6
12.348
12.852
120
170
650
850
12.7
12.446
12.954
120
170
650
850
12.8
12.544
13.056
120
170
650
850
12.9
12.642
13.158
120
170
650
850
13.0
12.740
13.260
120
170
650
850
13.1
12.838
13.362
120
170
650
850
13.2
12.936
13.464
120
170
650
850
13.3
13.034
13.566
120
170
650
850
13.4
13.132
13.668
120
170
650
850
13.5
13.230
13.770
120
170
650
850
13.6
13.328
13.872
120
170
650
850
13.7
13.426
13.974
120
170
650
850
13.8
13.524
14.076
120
170
650
850
13.9
13.622
14.178
120
170
650
850
14.0
13.720
14.280
120
170
650
850
●Voltage Chart (Continued)
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6701DG2FR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701D182ER TOREX-XC6701D182ER Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182ER-G TOREX-XC6701D182ER-G Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182FR TOREX-XC6701D182FR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182JR TOREX-XC6701D182JR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182MR TOREX-XC6701D182MR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results

Similar Description - XC6701DG2FR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com