Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6601B181PR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6601B181PR
Description  Low Voltage Input LDO Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601B181PR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6601B181PR Datasheet HTML 1Page - Torex Semiconductor XC6601B181PR Datasheet HTML 2Page - Torex Semiconductor XC6601B181PR Datasheet HTML 3Page - Torex Semiconductor XC6601B181PR Datasheet HTML 4Page - Torex Semiconductor XC6601B181PR Datasheet HTML 5Page - Torex Semiconductor XC6601B181PR Datasheet HTML 6Page - Torex Semiconductor XC6601B181PR Datasheet HTML 7Page - Torex Semiconductor XC6601B181PR Datasheet HTML 8Page - Torex Semiconductor XC6601B181PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1/32
XC6601 Series
Low Voltage Input LDO Voltage Regulators
■FEATURES
Maximum Output Current
: 400mA (Limiter 550mA TYP.)
Dropout Voltage
Bias Voltage Range
: 38mV@IOUT=100mA (TYP.)
(at VBIAS - VOUT=2.4V)
:
2.5V ~ 6.0V
(VBIAS - VOUT≧1.2V)
Input Voltage Range
: 1.0V ~ 3.0V
Output Voltage Range
Output Voltage Accuracy
(VINVBIAS)
: 0.7V ~ 1.8V (0.05V increments)
:±20mV
Power Consumption
: IBIAS=25μA , IIN=1.0μA (TYP.)
: IBIAS=0.01μA , IIN=0.01μA (TYP.)
UVLO
TSD (Detect/Release)
Operating Temperature Range
: VBIAS=2.0V, VIN=0.4V (TYP.)
:150℃/125℃ (TYP.)
: -40℃ ~ 85℃
CL High Speed Auto-Discharge
Low ESR Capacitor
: Ceramic Capacitor Compatible
Packages
: USP-6C, SOT-25, SOT-89-5
■APPLICATIONS
●Mobile phones
●Cordless phones
●Wireless communication equipment
●Portable games
●Cameras
●Audio visual equipment
●Portable AV equipment
●PDAs
■ TYPICAL APPLICATION CIRCUIT
●VBIAS =3.6V , VIN =1.8V , VOUT =1.5V
■ TYPICAL PEFORMANCE
CHARACTERISTICS
●Dropout Voltage vs. Output Current
ETR0335_003
■GENERAL DESCRIPTION
The XC6601 series is a low voltage input CMOS LDO regulator which provides highly accurate (±20mV) outputs and can
supply current efficiently due to its ultra low on-resistance even at low output voltages. The series is ideally suited to the
applications which require very low dropout voltage operation and consists of a voltage reference, an error amplifier, a driver
transistor, a current limiter, a fold back circuit, a thermal shutdown (TSD) circuit, an under voltage lock out (UVLO) circuit and
a phase compensation circuit.
Output voltage is selectable in 0.05V increments within a range of 0.7V to 1.8V using laser trimming technology and
ceramic capacitors can be used for the output stabilization capacitor (CL).
The over current protection circuit (the current limiter and the fold back circuit) as well as the thermal shutdown circuit (the
TSD circuit) are built-in. These two protection circuits will operate when either the output current reaches the current limit
level or the junction temperature reaches the temperature limit level.
With the built-in UVLO function, the regulator output is forced OFF when the voltage level at the VBIAS pin or the VIN pin falls
below the UVLO voltage level.
The CE function enables the output to be turned off and the series to be put in stand-by mode resulting in greatly reduced
power consumption. At the time of entering the stand-by mode, the series enables the electric charge at the output capacitor
(CL) to be discharged via the internal auto-discharge switch which is located between the VOUT pin and the VSS pin. As a
result the VOUT pin quickly returns to the VSS level.
XC 6601B 121M R
0
50
100
150
200
250
300
0
100
200
300
400
 Output Current: IOUT(mA)
VBIAS=3.0V
VBIAS=3.3V
VBIAS=3.6V
VBIAS=4.2V
VBIAS=5.0V
Ta=25 [℃]


Similar Part No. - XC6601B181PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601B181PR TOREX-XC6601B181PR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
More results

Similar Description - XC6601B181PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com