Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T6V8A Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM15T6V8A
Description  TransilTM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T6V8A Datasheet(HTML) 4 Page - STMicroelectronics

  SM15T6V8A Datasheet HTML 1Page - STMicroelectronics SM15T6V8A Datasheet HTML 2Page - STMicroelectronics SM15T6V8A Datasheet HTML 3Page - STMicroelectronics SM15T6V8A Datasheet HTML 4Page - STMicroelectronics SM15T6V8A Datasheet HTML 5Page - STMicroelectronics SM15T6V8A Datasheet HTML 6Page - STMicroelectronics SM15T6V8A Datasheet HTML 7Page - STMicroelectronics SM15T6V8A Datasheet HTML 8Page - STMicroelectronics SM15T6V8A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
SM15T
4/9
Figure 4.
Capacitance versus reverse applied
voltage for unidirectional types
(typical values)
Figure 5.
Capacitance versus reverse applied
voltage for bidirectional types
(typical values)
C (pF)
11 0
1 0 0
10
100
1000
10000
50 0
V
(V)
R
T = 25°C
F = 1 MHz
j
SM15T 6V8A
SM15T 15A
SM15T 30A
SM15T 68A
SM15T 200A
C (pF)
11 0
1 0 0
10
100
1000
10000
50 0
T = 25°C
F = 1 MHz
j
SM15T 6V8CA
SM15T 15CA
SM15T 30CA
SM15T 68CA
SM15T 200CA
V
(V)
R
Figure 6.
Peak forward voltage drop versus
peak forward current (typical values
for unidirectional types)
Figure 7.
Transient thermal impedance
junction-ambient versus pulse
duration - mounting on FR4 PC
board with recommended pad
layout
Figure 8.
Relative variation of leakage
current versus junction
temperature
500
100
10
1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
(V)
FM
I
(A)
FM
T initial = 25°C
j
T initial = 175°C
j
100
10
1
0.1
0
0.1
1
10
100
1000
.01
t (s)
p
Z
(°C/W)
th(j-a)
5E+3
1E+3
1E+2
1E+1
1E+0
1E-1
0
25
50
75
100
125
150
T (°C)
j
I(T )
I
(T = 25°C)
Rj
Rj
V= V
RRM


Similar Part No. - SM15T6V8A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
logo
General Semiconductor
SM15T6V8A GE-SM15T6V8A Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T6V8A VISHAY-SM15T6V8A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T6V8A MDE-SM15T6V8A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T6V8A VISHAY-SM15T6V8A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T6V8A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com