Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T10A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM15T10A
Description  TransilTM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T10A Datasheet(HTML) 1 Page - STMicroelectronics

  SM15T10A Datasheet HTML 1Page - STMicroelectronics SM15T10A Datasheet HTML 2Page - STMicroelectronics SM15T10A Datasheet HTML 3Page - STMicroelectronics SM15T10A Datasheet HTML 4Page - STMicroelectronics SM15T10A Datasheet HTML 5Page - STMicroelectronics SM15T10A Datasheet HTML 6Page - STMicroelectronics SM15T10A Datasheet HTML 7Page - STMicroelectronics SM15T10A Datasheet HTML 8Page - STMicroelectronics SM15T10A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
February 2007
Rev 4
1/9
9
SM15T
TRANSIL™
Features
Peak pulse power: 1500 W (10/1000 µs)
Breakdown voltage range: from 6.8 V to 220 V
Uni and bidirectional types
Low clamping factor
Fast response time
UL recognized
Description
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particularly
suited to protect voltage sensitive devices such as
MOS Technology and low voltage supplied IC’s.
Order code
TM: TRANSIL is a trademark of STMicroelectronics
Part number
Marking
SM15TxxxA
See Table 5 on page 7
SM15TxxxCA
See Table 5 on page 7
K
A
Unidirectional
Bidirectional
SMC
(JEDEC DO-214AB)
Table 1.
Absolute maximum ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation(1)
Tj initial = Tamb
1500
W
P
Power dissipation on infinite heatsink
Tamb = 50° C
6.5
W
IFSM
Non repetitive surge peak forward current for unidirectional
types
tp = 10ms
Tj initial = Tamb
200
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Table 2.
Thermal parameter
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
15
°C/W
Rth(j-a)
Junction to ambient on printed circuit on recommended pad layout
75
°C/W
www.st.com


Similar Part No. - SM15T10A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T10A STMICROELECTRONICS-SM15T10A Datasheet
189Kb / 5P
   TRANSILTM
logo
General Semiconductor
SM15T10A GE-SM15T10A Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T10A VISHAY-SM15T10A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T10A MDE-SM15T10A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T10A VISHAY-SM15T10A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T10A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com