Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6F13A Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMA6F13A
Description  High junction temperature Transil
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6F13A Datasheet(HTML) 5 Page - STMicroelectronics

  SMA6F13A Datasheet HTML 1Page - STMicroelectronics SMA6F13A Datasheet HTML 2Page - STMicroelectronics SMA6F13A Datasheet HTML 3Page - STMicroelectronics SMA6F13A Datasheet HTML 4Page - STMicroelectronics SMA6F13A Datasheet HTML 5Page - STMicroelectronics SMA6F13A Datasheet HTML 6Page - STMicroelectronics SMA6F13A Datasheet HTML 7Page - STMicroelectronics SMA6F13A Datasheet HTML 8Page - STMicroelectronics SMA6F13A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SMA6F
Characteristics
5/9
Figure 6.
Peak forward voltage drop versus
peak forward current (typical
values)
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (printed
ciruit board FR4, SCu = 1 cm
2)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead
(printed circuit board FR4,
copper thickness = 35 µm)
Figure 9.
Leakage current versus junction
temperature (typical values)
I
(A)
FM
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
T
j =25 °C
T
j =125 °C
V
(V)
FM
Zth(j-a)/Rth(j-a)
0.00
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
On recommended pad
layout
t (S)
p
Rth(j-a)(°C/W)
0
20
40
60
80
100
120
140
160
180
200
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
S
(cm )
CU
2
I (nA)
R
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
175
V
R=VRM
V
BR=11.7V
V
BR>11.7V
T (°C)
j


Similar Part No. - SMA6F13A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMA6F13A MCC-SMA6F13A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
logo
Vishay Siliconix
SMA6F13A VISHAY-SMA6F13A Datasheet
101Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 23-Nov-11
logo
STMicroelectronics
SMA6F13A STMICROELECTRONICS-SMA6F13A Datasheet
101Kb / 9P
   High junction temperature Transil?
logo
Micro Commercial Compon...
SMA6F13A MCC-SMA6F13A Datasheet
330Kb / 5P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
logo
Vishay Siliconix
SMA6F13A VISHAY-SMA6F13A Datasheet
132Kb / 6P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - SMA6F13A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
   High junction temperature Transil
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
   High junction temperature Transil?
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
   High junction temperature Transil?
September 2008 Rev 1
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
   High junction temperature Transil
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
   High junction temperature Transil?
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
   High junction temperature Transil TM
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
   HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
logo
Silikron Semiconductor ...
SSBD10L100CT SILIKRON-SSBD10L100CT Datasheet
462Kb / 6P
   High Junction Temperature
SSBD5L150A SILIKRON-SSBD5L150A Datasheet
297Kb / 5P
   High Junction Temperature
SSTS2065 SILIKRON-SSTS2065 Datasheet
320Kb / 6P
   High Junction Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com