Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T68A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM15T68A
Description  TransilTM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T68A Datasheet(HTML) 3 Page - STMicroelectronics

  SM15T68A Datasheet HTML 1Page - STMicroelectronics SM15T68A Datasheet HTML 2Page - STMicroelectronics SM15T68A Datasheet HTML 3Page - STMicroelectronics SM15T68A Datasheet HTML 4Page - STMicroelectronics SM15T68A Datasheet HTML 5Page - STMicroelectronics SM15T68A Datasheet HTML 6Page - STMicroelectronics SM15T68A Datasheet HTML 7Page - STMicroelectronics SM15T68A Datasheet HTML 8Page - STMicroelectronics SM15T68A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SM15T
Characteristics
3/9
Figure 3.
Clamping voltage versus peak pulse current
Exponential waveform tp = 20 ms
tp = 1 ms——————
tp = 10 ms...............
Note:
The curves of figure 3 are specified for a junction temperature of 25° C before surge. The
given results may be extrapolated for other junction temperatures by using the following
formula:
ΔVBR = αT * [T
amb -25] * VBR (25° C)
For intermediate voltages, extrapolate the given results.
Figure 1.
Peak pulse power dissipation
versus initial junction temperature
(printed circuit board)
Figure 2.
Peak pulse power versus
exponential pulse duration
0
0
20
40
60
80
100
%
20
40
60
80
100
120
140
1 6 0
1 80
200
T initial (°C)
j
ø
0.1
1.0
10.0
100.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
P
(kW)
PP
t(ms)
p
0.1
1
10
100
1000
1
10
100
1000
V
(V)
CL
SM15T 6V8A
SM15T 10A
SM15T 22A
SM15T 39A
SM15T 68A
SM15T 150A
SM15T 220A
I
(A)
PP
tr
t < 10 µS
r
tp
100
50
0
t
%IPP
Tj initial = 25°C


Similar Part No. - SM15T68A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T68A STMICROELECTRONICS-SM15T68A Datasheet
189Kb / 5P
   TRANSILTM
logo
General Semiconductor
SM15T68A GE-SM15T68A Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T68A VISHAY-SM15T68A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T68A MDE-SM15T68A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T68A VISHAY-SM15T68A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T68A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com