Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6109N48ANL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6109N48ANL
Description  Voltage Detector with Delay Type Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109N48ANL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6109N48ANL Datasheet HTML 5Page - Torex Semiconductor XC6109N48ANL Datasheet HTML 6Page - Torex Semiconductor XC6109N48ANL Datasheet HTML 7Page - Torex Semiconductor XC6109N48ANL Datasheet HTML 8Page - Torex Semiconductor XC6109N48ANL Datasheet HTML 9Page - Torex Semiconductor XC6109N48ANL Datasheet HTML 10Page - Torex Semiconductor XC6109N48ANL Datasheet HTML 11Page - Torex Semiconductor XC6109N48ANL Datasheet HTML 12Page - Torex Semiconductor XC6109N48ANL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
XC6109
Series
■NOTES ON USE
1. Use this IC within the stated maximum ratings. Operation beyond these limits may cause degrading or permanent
damage to the device.
2. The input pin voltage drops by the resistance between power supply and the VIN pin, and by through current at
operation of the IC. At this time, the operation may be wrong if the input pin voltage falls below the minimum operating
voltage range. In CMOS output, for output current, drops in the input pin voltage similarly occur. Oscillation of the
circuit may occur if the drops in voltage, which caused by through current at operation of the IC, exceed the hysteresis
voltage. Note it especially when you use the IC with the VIN pin connected to a resistor.
3. Note that a rapid and high fluctuation of the input pin voltage may cause a wrong operation.
4. When there is a possibility of which the input pin voltage falls rapidly (e.g.: 6.0V to 0V) at release operation with the
delay capacitance pin (Cd) connected to a capacitor, use a schottky barrier diode connected between the VIN pin and
the Cd pin as the Figure 3 shown below.
5.
When N-ch open drain output is used, output voltages VOUT at voltage detection and release are determined by a
pull-up resistor tied to the output pin. A resistance value of the pull-up resistor can be selected with referring to the
followings. (Refer to Figure 4)
During detection, the formula is given as
VOUT=Vpull/(1+Rpull/RON)
where Vpull is pull-up voltage and RON (*1) is ON resistance of N-ch driver M5 (RON=VDS/IOUT1 from the electrical
characteristics table).
For example, when VIN=2.0V (*2), RON = 0.5/0.8×10
-3=625Ω(MIN.) and if you want to get VOUT less than 0.1V when
Vpull=3.0V, Rpull can be calculated as follows;
Rpull=(Vpull /VOUT-1)×RON=(3/0.1-1)×625≒18kΩ
Therefore, pull-up resistance should be selected 18kΩ or higher.
(*1) VIN is smaller, RON is bigger
(*2) For the calculation, the lowest VIN should be used among of the VIN range
During release, the formula is given as
VOUT=Vpull/(1+Rpull/Roff)
where Vpull is pull-up voltage Roff is OFF resistance of N-ch driver M5 (Roff=VOUT/ILEAK=15MΩ from the
electrical characteristics table)
For examples, if you want to get VOUT larger than 5.99V when Vpull is 6.0V, Rpull can be calculated as follows;
Rpull=(Vpull/VOUT-1)×Roff=(6/5.99-1)×15×10
6≒25kΩ
Therefore, pull-up resistance should be selected 25kΩ or below.
Figure 3: Circuit example with the delay capacitance pin
(Cd) connected to a schottky barrier diode
Note: Roff=VOUT/ILEAK
Figure 4: Circuit example of XC6109N Series
(No resistor needed
for CMOS output
products)


Similar Part No. - XC6109N48ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109N4 TOREX-XC6109N4 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6109N4XXNX TOREX-XC6109N4XXNX Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
More results

Similar Description - XC6109N48ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com