Electronic Components Datasheet Search |
|
V62C3162048L-45T Datasheet(PDF) 5 Page - Mosel Vitelic, Corp |
|
V62C3162048L-45T Datasheet(HTML) 5 Page - Mosel Vitelic, Corp |
5 / 13 page DC Operating Characteristics (Vcc = 2.7 to 3.3V, Gnd = 0V, TA = 0 0C to +700C / -400C to 850C) Input Leakage Current IILII Vcc = Max, Vin = Gnd to Vcc - 1 - 1 µA Output Leakage Current II LOI CE = VIH or Vcc= Max, VOUT = Gnd to Vcc - 1 - 1 µA Operating Power Supply Current ICC CE = VIL , VIN = VIHor VIL , IOUT=0 - 5 - 5 mA Average Operating Current ICC1 IOUT = 0mA, Min Cycle, 100% Duty - 65 - 60 mA ICC2 CE < 0.2V IOUT = 0mA, Cycle Time=1 µs, Duty=100% - 3 - 3 mA Standby Power Supply Current (TTL Level) ISB CE = VIH - 0.5 - 0.5 mA Standby Power Supply Current (CMOS Level) ISB1 CE > Vcc - 0.2V VIN < 0.2V or VIN > Vcc- 0.2V L - - 10 2 - - 10 2 µA µA Output Low Voltage VOL IOL = 2 mA - 0.4 - 0.4 V Output High Voltage VOH IOH = -2 mA 2.4 - 2.4 - V -45 Unit Parameter Sym Test Conditions Min Max Min Max 5 -35 V62C3162048L(L) REV. 1.2 May 2001 V62C3162048L(L) |
Similar Part No. - V62C3162048L-45T |
|
Similar Description - V62C3162048L-45T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |