Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5046-3.0KRHG Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK5046-3.0KRHG
Description  RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5046-3.0KRHG Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK5046-3.0KRHG Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5046-3.0KRHG Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5046-3.0KRHG Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5046-3.0KRHG Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5046-3.0KRHG Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5046-3.0KRHG Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5046-3.0KRHG Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5046-3.0KRHG Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5046-3.0KRHG Datasheet HTML 9Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
APPLICATION NOTES
PRELIMINARY Rev. G 2/06
3
INPUT CAPACITOR SELECTION:
The MSK 5046RH should have an external high fre-
quency ceramic capacitor (0.1uF) between VIN and power
ground. Connect a low-ESR bulk capacitor directly to
the input pin of the MSK 5046RH. Select the bulk input
filter capacitor according to input ripple-current require-
ments and voltage rating, rather than capacitor value.
Electrolytic capacitors that have low enough ESR to meet
the ripple-current requirement invariably have more than
adequate capacitance values. Aluminum-electrolytic ca-
pacitors are preferred over tantalum types, which could
cause power-up surge-current failure when connecting
to robust AC adapters or low-impedance batteries.
INPUT BIAS AND UVLO:
The VBIAS pin of the MSK 5046RH provides bias to
the control circuitry. The VBIAS pin can be connected
directly to the input bus for 12V to 18V operation or it
can be biased separately with a 12V to 18V source to
extend the input range of the device. Refer to the para-
graph titled "INPUT VOLTAGE RANGE". For bias volt-
ages greater than 16V series diodes or resistors are rec-
ommended to bring VBIAS below 16V.
The MSK
5046RH's built-in under voltage lockout feature prevents
damage to downstream devices in the event of a drop in
bias voltage. Under voltage lockout occurs at bias volt-
ages of approximately 10.3V rising and 9.5V falling. The
internal bias draws approximately 40mA under normal
operation.
INPUT VOLTAGE RANGE
The MSK 5046RH's input range of 12V to 18V can be
further extended down to 3.1V by using a separate bias
supply. In this configuration very efficient low V to low
V conversion can be achieved.
OUTPUT CAPACITOR SELECTION:
The MSK 5046RH has no internal output capacitance.
Use between 200 and 400µF of low ESR bulk capaci-
tance for optimum performance. For optimal performance
use three AVX part number TAZH107M015L (MIL part
number CWR29H-107M).
For loads with large excur-
sions use surge rated capacitors. Additional 0.1µF ce-
ramic capacitors close to the load will help suppress high
frequency switching noise. Custom compensation to
maximize performance with a variety of capacitive loads
is available; consult the factory.
SOFT START:
The internal 0.1µF soft start capacitor charges from
a 12µA (nominal) current source.
Connect additional
capacitance to the soft start pin to slow the output rise
further. The output rise time is dependant on the input
to ouput voltage ratio as well as the soft start capaci-
tance.
The output rise time at 50% load may be ap-
proximated with the following equation:
TRISE=
(VOUT + 0.6V) 2 Css
(VIN + 0.3V) 14
Where
VOUT = the output voltage in volts.
VIN = the input bus voltage in volts.
Css = 0.1 + external soft start capacitance in µF.
POWER CIRCUIT LAYOUT CONSIDERATIONS:
Layout of the power circuitry will affect the overall
performance of the MSK 5046RH. Input power should
be tied as close to VIN (pins 12-22) as possible. Create
a single point ground as close to the MSK 5046RH power
ground pins (23-33) as possible. The input power return
should be tied between the MSK 5046RH power ground
pins and the load. Keeping the input power return con-
nection as close to the MSK 5046RH power ground pins
as possible and keeping the distance between the MSK
5046RH power ground pins and the load to a minimum
will maximize the performance. Tie the signal ground
pins (4 and 7) to the single point ground with a short low
impedance connection. See remaining notes for more
layout and application performance.
The soft start will begin as soon as the bias voltage
exceeds the under voltage lockout threshold or the in-
hibit pin is released; whichever comes last. If bias volt-
age is applied and the inhibit pin is released before the
input voltage is applied, the soft start will have risen
early and the output will rise at approximately the same
rate as VIN and may overshoot. Any circuit that holds
the enable pin low until VIN rises will ensure soft start
when VBIAS must rise before VIN. The circuit below
may be adapted to suit a variety of applications.


Similar Part No. - MSK5046-3.0KRHG

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5046-3.0KRHG MSK-MSK5046-3.0KRHG Datasheet
753Kb / 9P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
More results

Similar Description - MSK5046-3.0KRHG

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5046-3.3HRH MSK-MSK5046-3.3HRH Datasheet
753Kb / 9P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
National Semiconductor ...
LH1605C NSC-LH1605C Datasheet
120Kb / 4P
   5 Amp, High Efficiency Switching Regulator
logo
M.S. Kennedy Corporatio...
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
International Rectifier
GH2803R3SCKX IRF-GH2803R3SCKX Datasheet
197Kb / 9P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GH2801S IRF-GH2801S Datasheet
397Kb / 10P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
logo
Anaren Microwave
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com