Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6366B605ER Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6366B605ER
Description  PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6366B605ER Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6366B605ER Datasheet HTML 1Page - Torex Semiconductor XC6366B605ER Datasheet HTML 2Page - Torex Semiconductor XC6366B605ER Datasheet HTML 3Page - Torex Semiconductor XC6366B605ER Datasheet HTML 4Page - Torex Semiconductor XC6366B605ER Datasheet HTML 5Page - Torex Semiconductor XC6366B605ER Datasheet HTML 6Page - Torex Semiconductor XC6366B605ER Datasheet HTML 7Page - Torex Semiconductor XC6366B605ER Datasheet HTML 8Page - Torex Semiconductor XC6366B605ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
XC6365/XC6366
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: VOUT type: Internally set-up, soft-start internally set-up
B
: FB type: Externally set-up, soft-start internally set-up
C
: VOUT type: Internally set-up, soft-start externally set-up
Type of DC/DC Converter
D
: FB type: Externally set-up, soft-start internally set-up
15∼60
: VOUT type: 3.0V output → ②=3, ③=0
② ③
Output Voltage
10
: FB type: 10 fixed → ②=1, ③=0 fixed
3
: 300kHz
5
: 500kHz (custom)
Oscillation Frequency
2
: 180kHz (custom)
M
: SOT-25 (SOT-23-5)
Package
E
: USP-6C
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
●Ordering Information
■PRODUCT CLASSIFICATION (Continued)
XC6365①②③④⑤⑥
PWM control
XC6366①②③④⑤⑥
PWM/PFM switching control


Similar Part No. - XC6366B605ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6366B TOREX-XC6366B Datasheet
99Kb / 2P
   PWM PWM/PFM
XC6366B TOREX-XC6366B Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6366B102ML TOREX-XC6366B102ML Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6366B102MR TOREX-XC6366B102MR Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6366B103ML TOREX-XC6366B103ML Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
More results

Similar Description - XC6366B605ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com