Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T68CA Datasheet(PDF) 6 Page - STMicroelectronics

Part # SM15T68CA
Description  TransilTM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T68CA Datasheet(HTML) 6 Page - STMicroelectronics

  SM15T68CA Datasheet HTML 1Page - STMicroelectronics SM15T68CA Datasheet HTML 2Page - STMicroelectronics SM15T68CA Datasheet HTML 3Page - STMicroelectronics SM15T68CA Datasheet HTML 4Page - STMicroelectronics SM15T68CA Datasheet HTML 5Page - STMicroelectronics SM15T68CA Datasheet HTML 6Page - STMicroelectronics SM15T68CA Datasheet HTML 7Page - STMicroelectronics SM15T68CA Datasheet HTML 8Page - STMicroelectronics SM15T68CA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
SM15T
6/9
3
Package mechanical data
Case: JEDEC DO-214AB molded plastic over Planar junction
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: For unidirectional types the band indicates cathode
Flammability: Epoxy is rated UL94V-0
RoHS package
Table 4.
SMC dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.60
0.030
0.063
Figure 9.
Footprint dimensions
(millimeter)
Figure 10.
Marking layout
E
C
L
E2
E1
D
A1
A2
b
4.25
8.65
2.20
3.30
2.20
y w w
e3
z
x x x
e3: ECOPACK ( Leadfree)
XXX: Marking
Z: Manufacturing location
Y: Year
WW: week
Cathode bar (unidirectional devices only )


Similar Part No. - SM15T68CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T68CA STMICROELECTRONICS-SM15T68CA Datasheet
189Kb / 5P
   TRANSILTM
logo
MDE Semiconductor, Inc.
SM15T68CA MDE-SM15T68CA Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T68CA STMICROELECTRONICS-SM15T68CA Datasheet
122Kb / 10P
   Transil
SM15T68CA STMICROELECTRONICS-SM15T68CA Datasheet
759Kb / 6P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
February 1989
SM15T68CAY STMICROELECTRONICS-SM15T68CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
More results

Similar Description - SM15T68CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com