Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA120 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TPA120
Description  Trisil for telecom equipment protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPA120 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TPA120 Datasheet HTML 2Page - STMicroelectronics TPA120 Datasheet HTML 3Page - STMicroelectronics TPA120 Datasheet HTML 4Page - STMicroelectronics TPA120 Datasheet HTML 5Page - STMicroelectronics TPA120 Datasheet HTML 6Page - STMicroelectronics TPA120 Datasheet HTML 7Page - STMicroelectronics TPA120 Datasheet HTML 8Page - STMicroelectronics TPA120 Datasheet HTML 9Page - STMicroelectronics TPA120 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Characteristics
SMP50 / SMTPA / TPA
6/11
Figure 9.
Test circuit 1 for Dynamic IBO and VBO parameters
Figure 10.
Test circuit 2 for IBO and VBO parameters
Figure 11.
Test circuit 3 for dynamic IH parameters
100 V / µs, di /dt < 10 A / µs, Ipp = 50 A
1 kV / µs, di /dt < 10 A / µs, Ipp = 10 A
U
U
10 µF
2
Ω
45
Ω
66
Ω
470
Ω
83
Ω
0.36 nF
46 µH
60 µF
26 µH
12
Ω
250
Ω
46 µH
47
Ω
KeyTek 'System 2' generator with PN246I module
KeyTek 'System 2' generator with PN246I module
220V 50Hz
1/4
R1 = 140
Ω
R2 = 240
Ω
K
ton = 20ms
IBO
measurement
VBO
measurement
Vout
DUT
TEST PROCEDURE
Pulse test duration (tp = 20ms):
V
selection:
for Bidirectional devices = Switch K is closed
for Unidirectional devices = Switch K is open
Device with V
> 200V
V
= 250 V
, R1 = 140
OUT
BO
OUT
RMS
Ω
Device with V
200V
V
= 480 V
, R2 = 240
BO
OUT
RMS
≥Ω
TEST PROCEDURE
1/ Adjust the current level at the I value by short circuiting the AK of the D.U.T.
2/ Fire the D.U.T. with a surge current
H
➔ I= 10A, 10/1000µs.
3/ The D.U.T. will come back off-state within 50ms maximum.
PP
This is a GO-NOGO test which allows to confirm the holding current (I ) level in a
functional test circuit.
H
R
V
BAT = - 48 V
Surge generator
D.U.T


Similar Part No. - TPA120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPA120 STMICROELECTRONICS-TPA120 Datasheet
53Kb / 5P
   TRISIL
TPA120 STMICROELECTRONICS-TPA120 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA120 BILIN-TPA120 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
SUNMATE electronic Co.,...
TPA120 SUNMATE-TPA120 Datasheet
275Kb / 2P
   AXIAL LEADED TPA SERIES
logo
Shenzhen Luguang Electr...
TPA120 LUGUANG-TPA120 Datasheet
2Mb / 4P
   Telecommunication Protection
More results

Similar Description - TPA120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
   TRISIL for telecom equipment protection
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com