Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP40NF03L Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP40NF03L
Description  N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP40NF03L Datasheet(HTML) 8 Page - STMicroelectronics

  STP40NF03L Datasheet HTML 1Page - STMicroelectronics STP40NF03L Datasheet HTML 2Page - STMicroelectronics STP40NF03L Datasheet HTML 3Page - STMicroelectronics STP40NF03L Datasheet HTML 4Page - STMicroelectronics STP40NF03L Datasheet HTML 5Page - STMicroelectronics STP40NF03L Datasheet HTML 6Page - STMicroelectronics STP40NF03L Datasheet HTML 7Page - STMicroelectronics STP40NF03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Information furnished is believ ed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specific ation mentioned in this publication are
subjec t to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1999 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
.
STP40NF03L
8/8


Similar Part No. - STP40NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
254Kb / 12P
   N-channel 30V - 0.018廓 - 40A - TO-220 STripFET??Power MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
433Kb / 14P
   N-channel 30 V, 0.018, 40 A TO-220, TO-220FP STripFET Power MOSFET
February 2010 Rev 8
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
   N-channel 30V - 0.018廓 - 40A - TO-220 STripFET??Power MOSFET
More results

Similar Description - STP40NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
   N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
   N-channel 30V - 0.018廓 - 40A - TO-220 STripFET??Power MOSFET
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
   N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
STD40NF06LZ STMICROELECTRONICS-STD40NF06LZ Datasheet
296Kb / 8P
   N-CHANNEL 60V - 0.020 ohm - 40A DPAK Zener-Protected STripFET??II POWER MOSFET
October 2002
STP60NF03L STMICROELECTRONICS-STP60NF03L Datasheet
46Kb / 6P
   N-CHANNEL 30V - 0.008 ohm - 60A TO-220 STripFET POWER MOSFET
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
49Kb / 6P
   N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
STB3015L STMICROELECTRONICS-STB3015L Datasheet
59Kb / 6P
   N - CHANNEL 30V - 0.013 ohm - 40A - D2PAK/TO-220 STripFETO POWER MOSFET
STP30NE03L STMICROELECTRONICS-STP30NE03L Datasheet
105Kb / 9P
   N - CHANNEL 30V - 0.028 ohm - 30A TO-220/TO-220FP STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com