Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4064ZV-75TN144E Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # LA4064ZV-75TN144E
Description  3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LA4064ZV-75TN144E Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LA4064ZV-75TN144E Datasheet HTML 7Page - Lattice Semiconductor LA4064ZV-75TN144E Datasheet HTML 8Page - Lattice Semiconductor LA4064ZV-75TN144E Datasheet HTML 9Page - Lattice Semiconductor LA4064ZV-75TN144E Datasheet HTML 10Page - Lattice Semiconductor LA4064ZV-75TN144E Datasheet HTML 11Page - Lattice Semiconductor LA4064ZV-75TN144E Datasheet HTML 12Page - Lattice Semiconductor LA4064ZV-75TN144E Datasheet HTML 13Page - Lattice Semiconductor LA4064ZV-75TN144E Datasheet HTML 14Page - Lattice Semiconductor LA4064ZV-75TN144E Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Lattice Semiconductor
LA-ispMACH 4000V/Z Automotive Family Data Sheet
11
Figure 9. Global OE Generation for All Devices Except LA-ispMACH 4032V/Z
Figure 10. Global OE Generation for LA-ispMACH 4032V/Z
Zero Power/Low Power and Power Management
The LA-ispMACH 4000V/Z automotive family is designed with high speed low power design techniques to offer
both high speed and low power. With an advanced E
2 low power cell and non sense-amplifier design approach (full
CMOS logic approach), the LA-ispMACH 4000V/Z automotive family offers SuperFAST pin-to-pin speeds, while
simultaneously delivering low standby power without needing any “turbo bits” or other power management
schemes associated with a traditional sense-amplifier approach.
Shared PTOE
(Block 0)
Shared PTOE
(Block n)
Global
Fuses
GOE (0:3)
to I/O cells
Internal Global OE
PT Bus
(4 lines)
4-Bit
Global OE Bus
Global OE
Fuse connection
Hard wired
Shared PTOE
(Block 0)
Shared PTOE
(Block 1)
Global
Fuses
GOE (3:0)
to I/O cells
Internal Global OE
PT Bus
(2 lines)
4-Bit
Global OE Bus
Global OE
Fuse connection
Hard wired


Similar Part No. - LA4064ZV-75TN144E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
LA407B3B CTS-LA407B3B Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B3CB CTS-LA407B3CB Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B3U CTS-LA407B3U Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B4B CTS-LA407B4B Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B4CB CTS-LA407B4CB Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
More results

Similar Description - LA4064ZV-75TN144E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com