Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6701D892PL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6701D892PL
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701D892PL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6701D892PL Datasheet HTML 6Page - Torex Semiconductor XC6701D892PL Datasheet HTML 7Page - Torex Semiconductor XC6701D892PL Datasheet HTML 8Page - Torex Semiconductor XC6701D892PL Datasheet HTML 9Page - Torex Semiconductor XC6701D892PL Datasheet HTML 10Page - Torex Semiconductor XC6701D892PL Datasheet HTML 11Page - Torex Semiconductor XC6701D892PL Datasheet HTML 12Page - Torex Semiconductor XC6701D892PL Datasheet HTML 13Page - Torex Semiconductor XC6701D892PL Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10/32
XC6701 Series
SYMBOL
E-0
E-1
E-2
PARAMETER
SETTING
OUTPUT
VOLTAGE (V)
OUTPUT VOLTAGE
(V)
(2% products)
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
VOUT
Vdif1
Vdif2
VOUT(T)
(V)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
14.1
13.818
14.382
120
170
650
850
14.2
13.916
14.484
120
170
650
850
14.3
14.014
14.586
120
170
650
850
14.4
14.112
14.688
120
170
650
850
14.5
14.210
14.790
120
170
650
850
14.6
14.308
14.892
120
170
650
850
14.7
14.406
14.994
120
170
650
850
14.8
14.504
15.096
120
170
650
850
14.9
14.602
15.198
120
170
650
850
15.0
14.700
15.300
120
170
650
850
15.1
14.798
15.402
120
170
650
850
15.2
14.896
15.504
120
170
650
850
15.3
14.994
15.606
120
170
650
850
15.4
15.092
15.708
120
170
650
850
15.5
15.190
15.810
120
170
650
850
15.6
15.288
15.912
120
170
650
850
15.7
15.386
16.014
120
170
650
850
15.8
15.484
16.116
120
170
650
850
15.9
15.582
16.218
120
170
650
850
16.0
15.680
16.320
120
170
650
850
16.1
15.778
16.422
120
170
650
850
16.2
15.876
16.524
120
170
650
850
16.3
15.974
16.626
120
170
650
850
16.4
16.072
16.728
120
170
650
850
16.5
16.170
16.830
120
170
650
850
16.6
16.268
16.932
120
170
650
850
16.7
16.366
17.034
120
170
650
850
16.8
16.464
17.136
120
170
650
850
16.9
16.562
17.238
120
170
650
850
17.0
16.660
17.340
120
170
650
850
17.1
16.758
17.442
120
170
650
850
17.2
16.856
17.544
120
170
650
850
17.3
16.954
17.646
120
170
650
850
17.4
17.052
17.748
120
170
650
850
17.5
17.150
17.850
120
170
650
850
17.6
17.248
17.952
120
170
650
850
17.7
17.346
18.054
120
170
650
850
17.8
17.444
18.156
120
170
650
850
17.9
17.542
18.258
120
170
650
850
18.0
17.640
18.360
120
170
650
850
■OUTPUT VOLTAGE CHART (Continued)
●Voltage Chart (Continued)


Similar Part No. - XC6701D892PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701D182ER TOREX-XC6701D182ER Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182ER-G TOREX-XC6701D182ER-G Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182FR TOREX-XC6701D182FR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182JR TOREX-XC6701D182JR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182MR TOREX-XC6701D182MR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results

Similar Description - XC6701D892PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com