Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE6216B202ML Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XE6216B202ML
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XE6216B202ML Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XE6216B202ML Datasheet HTML 3Page - Torex Semiconductor XE6216B202ML Datasheet HTML 4Page - Torex Semiconductor XE6216B202ML Datasheet HTML 5Page - Torex Semiconductor XE6216B202ML Datasheet HTML 6Page - Torex Semiconductor XE6216B202ML Datasheet HTML 7Page - Torex Semiconductor XE6216B202ML Datasheet HTML 8Page - Torex Semiconductor XE6216B202ML Datasheet HTML 9Page - Torex Semiconductor XE6216B202ML Datasheet HTML 10Page - Torex Semiconductor XE6216B202ML Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7/41
XC6216/XE6216
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VOUT(E)
IOUT=20mA, VCE=VIN
E-0
V
VIN=VOUT(T)+3.0V, VCE=VIN
(VOUT(T)≧3.0V)
150
-
-
mA
Maximum Output Current
IOUTMAX
VIN=VOUT(T)+3.0V, VCE=VIN
(VOUT(T)<3.0V)
100
-
-
mA
VIN=VOUT(T)+2.0V,
1mA≦IOUT≦50mA, VCE=VIN,
(2.0V≦VOUT(T)≦7.0V)
-
50
90
mV
Load Regulation
△VOUT
VIN=VOUT(T)+2.0V,
1mA≦IOUT≦50mA, VCE=VIN,
(7.1V≦VOUT(T)≦12.0V)
-
110
140
mV
Dropout Voltage 1
Vdif1
IOUT=20mA, VCE=VIN
E-1
mV
IOUT=100mA,
VIN = VOUT(T)+3.0V, VCE=VIN
(VOUT(T)<3.0V)
Dropout Voltage 2
Vdif2
IOUT=100mA, VCE=VIN
(VOUT(T)<3.0V)
E-2
mV
Supply Current
ISS
VCE=VIN
1
5
9
μA
Stand-by Current
Istby
VCE=VSS
-
0.01
0.10
μA
Line Regulation 1
△VOUT /
△VINVOUT(T)
VOUT(T)+2.0V≦VIN≦28.0V
IOUT=5mA, VCE=VIN
0.01
0.05
0.10
%/V
Line Regulation 2
△VOUT /
△VINVOUT(T)
VOUT(T)+2.0V≦VIN≦28.0V
IOUT=13mA, VCE=VIN
0.03
0.15
0.30
%/V
Input Voltage
VIN
2.0
-
28.0
V
-
Output Voltage
Temperature Characteristics
△VOUT /
△TaVOUT(T)
IOUT=20mA, VCE=VIN
-40℃≦Ta≦85℃
-
±100
-
ppm/℃
Ripple Rejection Rate
PSRR
VIN=[VOUT(T)+2.0]V+0.5Vp-pAC
IOUT=20mA, f=1kHz, VCE=VIN
-
30
-
dB
Short Current
Ishort
VIN=VOUT(T)+2.0V, VCE=VIN
-
30
-
mA
CE ”H” Level Voltage
VCEH
VIN=28.0V
1.1
-
28.0
V
CE ”L” Level Voltage
VCEL
VIN=28.0V
0
-
0.35
V
CE ”H” Level Current
ICEH
VIN=VCE=28.0V
-0.1
-
0.1
μA
CE ”L” Level Current
ICEL
VIN=28.0V, VCE=VSS
-0.1
-
0.1
μA
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
125
-
Hysteresis Width
TTSD-TTSR
Junction Temperature
-
25
-
-
NOTE:
*1: VOUT(T): Specified output voltage
*2: VOUT(E): Effective output voltage
(i.e. the output voltage when “VOUT(T)+2.0V” is provided at the VIN pin while maintaining a certain IOUT value.)
*3: Vdif={VIN1
{Note 5} - VOUT1 {Note 4}}
*4: VOUT1: VOUT(T)<3.0V, A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+3.0V} is input.
VOUT(T)≧3.0V, A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+2.0V} is input.
*5: VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased.
*6: Unless otherwise stated, VIN=VOUT(T)+2.0V.
●XC6216B Series
Ta = 25℃
■ELECTRICAL CHARACTERISTICS


Similar Part No. - XE6216B202ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XE6216B20A201EL TOREX-XE6216B20A201EL Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XE6216B20A201ER TOREX-XE6216B20A201ER Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XE6216B20A201ML TOREX-XE6216B20A201ML Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XE6216B20A201MR TOREX-XE6216B20A201MR Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XE6216B20A201PL TOREX-XE6216B20A201PL Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results

Similar Description - XE6216B202ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
logo
NIHON DEMPA KOGYO
NT2016SD NDK-NT2016SD Datasheet
299Kb / 1P
   Equipped with the temperature sensor voltage output function and Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com