Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2503 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2503
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503 Datasheet(HTML) 3 Page - Analog Devices

  ADP2503 Datasheet HTML 1Page - Analog Devices ADP2503 Datasheet HTML 2Page - Analog Devices ADP2503 Datasheet HTML 3Page - Analog Devices ADP2503 Datasheet HTML 4Page - Analog Devices ADP2503 Datasheet HTML 5Page - Analog Devices ADP2503 Datasheet HTML 6Page - Analog Devices ADP2503 Datasheet HTML 7Page - Analog Devices ADP2503 Datasheet HTML 8Page - Analog Devices ADP2503 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
ADP2503/ADP2504
SPECIFICATIONS
VIN = 3.6 V, VOUT = 3.3 V, @ TA = TJ = −40°C to +125°C for minimum/maximum specifications and TA = +25°C for typical specifications,
unless otherwise noted.1
Table 1.
Parameters
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Voltage Range
2.3
5.5
V
Undervoltage Lockout Threshold
VIN rising
2.2
2.25
2.3
V
Undervoltage Lockout Threshold
VIN falling
2.13
2.18
2.23
V
OUTPUT CHARACTERISTICS
Output Voltage Range
2.8
5.0
V
Feedback Voltage
0.495
0.5
0.55
V
Feedback Impedance
450
Output Voltage Initial Accuracy
(PWM Mode, No Load)
ADP2503/ADP2504 (PWM operation, no load)
−2
+2
%
Load and Line Regulation
VIN = 2.3 V to 3.6 V, ILOAD = 0mA to 500mA, forced PWM mode
0.5
%
VIN = 2.3 V to 5.5 V, ILOAD = 0mA to 500mA, forced PWM mode
0.6
%
CURRENT CHARACTERISTICS
Quiescent Current (VIN)
Shutdown Current
IOUT = 0 mA, V mode = EN = VIN = 3.6 V, device not switching
TA = TJ = −40°C to +85°C
38
50
0.2
1
μA
μA
SWITCH CHARACTERISTICS
N-Channel Switches (LFCSP)
VIN = 3.6 V
150
P-Channel Switches (LFCSP)
VIN = VOUT = 3.6 V
150
P-Channel Leakage
Switch Current Limit
TJ = −40°C to +85°C
1
μA
ADP2504
1.3
2.0
A
ADP2503
1.0
1.4
A
Reverse Current Limit
1.1
A
OSCILLATOR AND STARTUP
Oscillator Frequency
VIN = 2.3 V to 5.5 V
2.2
2.5
2.8
MHz
On Time PMOS1 (Buck Mode)
Minimum duty cycle = 30%
130
ns
On Time NMOS2 (Boost Mode)
Maximum duty cycle = 50% (×2)
200
ns
Sync Clock Frequency
2.2
2.8
MHz
Sync Clock Minimum Off Time
160
ns
Soft Start Period
200
μs
LOGIC LEVEL CHARACTERISTICS
EN, SYNC Input High Threshold
1.2
V
EN, SYNC Input Low Threshold
0.4
V
EN, SYNC Leakage Current
−1
+0.1
+1
μA
THERMAL CHARACTERISTICS
Thermal Shutdown Threshold
Thermal Shutdown Hysteresis
150
25
°C
°C
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
Rev. PrB | Page 3 of 16


Similar Part No. - ADP2503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
ADP2503 AD-ADP2503 Datasheet
3Mb / 32P
   6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
ADP2503-EVALZ AD-ADP2503-EVALZ Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
ADP2503ACPZ-2.8-R7 AD-ADP2503ACPZ-2.8-R7 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
ADP2503ACPZ-3.3-R7 AD-ADP2503ACPZ-3.3-R7 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
More results

Similar Description - ADP2503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2503 AD-ADP2503_V01 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
logo
STMicroelectronics
STBB2 STMICROELECTRONICS-STBB2 Datasheet
2Mb / 25P
   800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
logo
NXP Semiconductors
PCA9411 NXP-PCA9411 Datasheet
1Mb / 28P
   3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1.1-5 August 2016
PCA9410 NXP-PCA9410 Datasheet
1Mb / 27P
   3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1-5 August 2016
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
NXP Semiconductors
DC6M60XX6 NXP-DC6M60XX6 Datasheet
507Kb / 26P
   6 MHz, 650 mA, ultra small DC-to-DC buck converter
Rev. 2-29 January 2013
logo
Analog Devices
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com