Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45FN208I Datasheet(PDF) 44 Page - Lattice Semiconductor

Part # LC5512MV-45FN208I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45FN208I Datasheet(HTML) 44 Page - Lattice Semiconductor

Back Button LC5512MV-45FN208I Datasheet HTML 40Page - Lattice Semiconductor LC5512MV-45FN208I Datasheet HTML 41Page - Lattice Semiconductor LC5512MV-45FN208I Datasheet HTML 42Page - Lattice Semiconductor LC5512MV-45FN208I Datasheet HTML 43Page - Lattice Semiconductor LC5512MV-45FN208I Datasheet HTML 44Page - Lattice Semiconductor LC5512MV-45FN208I Datasheet HTML 45Page - Lattice Semiconductor LC5512MV-45FN208I Datasheet HTML 46Page - Lattice Semiconductor LC5512MV-45FN208I Datasheet HTML 47Page - Lattice Semiconductor LC5512MV-45FN208I Datasheet HTML 48Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
44
ispXP sysCONFIG Port Timing Specifications
Symbol
Timing Parameter
Min.
Max.
Units
sysCONFIG Write Cycle Timing
tSUCS
Input setup time of CS to CCLK rise
10
ns
tHCS
Hold time of CS to CCLK rise
1
ns
tSUWD
Input setup time of write data to CCLK rise
10
ns
tHWD
Hold time of write data to CCLK rise
0
ns
tPRGM
Low time to reset device SRAM
5
50
ns
tDINIT
INIT delay time
5
ms
tIODISS
User I/O disable
ns
tIOENSS
User I/O enable
ns
tWH
Write clock High pulse width
18
ns
tWL
Write clock Low pulse width
18
ns
fMAXW
Write fMAX
27
MHz
sysCONFIG Read Cycle Timing
tHREAD
Hold time of READ to CCLK rise
1
ns
tSUREAD
Input setup time of READ High to CCLK rise
15
ns
tRH
READ clock high pulse width
18
ns
tRL
READ clock low pulse width
18
ns
fMAXR
Read fMAX
27
MHz
tCORD
Clock to out for read data
25
ns


Similar Part No. - LC5512MV-45FN208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45FN208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com