Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT14F100B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT14F100B
Description  N-Channel FREDFET 1000V, 14A, 1.00廓 Max, trr ??40ns
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT14F100B Datasheet(HTML) 1 Page - Microsemi Corporation

  APT14F100B Datasheet HTML 1Page - Microsemi Corporation APT14F100B Datasheet HTML 2Page - Microsemi Corporation APT14F100B Datasheet HTML 3Page - Microsemi Corporation APT14F100B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N-Channel FREDFET
Absolute Maximum Ratings
Thermal and Mechanical Characteristics
G
D
S
Single die FREDFET
Unit
A
V
mJ
A
Unit
W
°C/W
°C
oz
g
in·lbf
N·m
Ratings
14
9
55
±30
875
7
Min
Typ
Max
500
0.25
0.11
-55
150
300
0.22
6.2
10
1.1
Parameter
Continuous Drain Current @ T
C
= 25°C
Continuous Drain Current @ T
C
= 100°C
Pulsed Drain Current 1
Gate-Source Voltage
Single Pulse Avalanche Energy 2
Avalanche Current, Repetitive or Non-Repetitive
Characteristic
Total Power Dissipation @ T
C
= 25°C
Junction to Case Thermal Resistance
Case to Sink Thermal Resistance, Flat, Greased Surface
Operating and Storage Junction Temperature Range
Soldering Temperature for 10 Seconds (1.6mm from case)
Package Weight
Mounting Torque ( TO-247 Package), 6-32 or M3 screw
Symbol
I
D
I
DM
V
GS
E
AS
I
AR
Symbol
P
D
RθJC
RθCS
T
J
,T
STG
T
L
W
T
Torque
TYPICAL APPLICATIONS
• ZVS phase shifted and other full bridge
• Half bridge
• PFC and other boost converter
• Buck converter
• Single and two switch forward
• Flyback
FEATURES
• Fast switching with low EMI
• Low trr for high reliability
• Ultra low Crss for improved noise immunity
• Low gate charge
• Avalanche energy rated
• RoHS compliant
TO-247
D3PAK
APT14F100B
APT14F100S
1000V, 14A, 1.00
Ω Max, trr ≤240ns
APT14F100B
APT14F100S
Power MOS 8is a high speed, high voltage N-channel switch-mode power MOSFET.
This 'FREDFET' version has a drain-source (body) diode that has been optimized for
high reliability in ZVS phase shifted bridge and other circuits through reduced trr, soft
recovery, and high recovery dv/dt capability. Low gate charge, high gain, and a greatly
reduced ratio of Crss/Ciss result in excellent noise immunity and low switching loss. The
intrinsic gate resistance and capacitance of the poly-silicon gate structure help control
di/dt during switching, resulting in low EMI and reliable paralleling, even when switching
at very high frequency.
Microsemi Website - http://www.microsemi.com


Similar Part No. - APT14F100B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT14F100B MICROSEMI-APT14F100B Datasheet
420Kb / 4P
   N-Channel FREDFET
logo
Inchange Semiconductor ...
APT14F100B ISC-APT14F100B Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT14F100B MICROSEMI-APT14F100B_09 Datasheet
420Kb / 4P
   N-Channel FREDFET
More results

Similar Description - APT14F100B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT17F100B MICROSEMI-APT17F100B Datasheet
134Kb / 4P
   N-Channel FREDFET 1000V, 17A, 0.80廓 Max, trr ??45ns
APT29F100L MICROSEMI-APT29F100L Datasheet
401Kb / 4P
   1000V, 29A, 0.46廓 Max, trr ??70ns N-Channel FREDFET
APT7F120B MICROSEMI-APT7F120B_09 Datasheet
134Kb / 4P
   N-Channel FREDFET 1200V, 7A, 2.4廓 Max, trr ??90ns
APT26F120B2 MICROSEMI-APT26F120B2 Datasheet
269Kb / 4P
   N-Channel FREDFET 1200V, 26A, 0.65廓 Max, trr ??35ns
APT7F120B MICROSEMI-APT7F120B Datasheet
262Kb / 4P
   N-Channel FREDFET 1200V, 7A, 2.90廓 Max, trr ??90ns
APT19F100J MICROSEMI-APT19F100J Datasheet
411Kb / 4P
   1000V, 19A, 0.46廓 Max, trr ??70ns
APT14M120B MICROSEMI-APT14M120B_09 Datasheet
122Kb / 4P
   N-Channel MOSFET 1200V, 14A, 1.10廓 Max
APT4F120K MICROSEMI-APT4F120K Datasheet
188Kb / 4P
   N-Channel FREDFET 1200V, 4A, 4.60廓 Max,
APT4F120K MICROSEMI-APT4F120K_10 Datasheet
204Kb / 4P
   1200V, 4A, 4.2廓 Max Trr ??95nS
logo
Fairchild Semiconductor
FDB3502 FAIRCHILD-FDB3502 Datasheet
329Kb / 6P
   N-Channel Power Trench짰 MOSFET 75V, 14A, 47m廓
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com