Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP45N10FI Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP45N10FI
Description  N - CHANNEL 100V - 0.027ohm - 45A - TO-220/TO-220FI POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45N10FI Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP45N10FI Datasheet HTML 2Page - STMicroelectronics STP45N10FI Datasheet HTML 3Page - STMicroelectronics STP45N10FI Datasheet HTML 4Page - STMicroelectronics STP45N10FI Datasheet HTML 5Page - STMicroelectronics STP45N10FI Datasheet HTML 6Page - STMicroelectronics STP45N10FI Datasheet HTML 7Page - STMicroelectronics STP45N10FI Datasheet HTML 8Page - STMicroelectronics STP45N10FI Datasheet HTML 9Page - STMicroelectronics STP45N10FI Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuits For
Resistive Load
Fig. 2: Unclamped Inductive Waveform
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
STP45N10/FI
7/10


Similar Part No. - STP45N10FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
   N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
logo
Inchange Semiconductor ...
STP45N10F7 ISC-STP45N10F7 Datasheet
272Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP45N10F7 VBSEMI-STP45N10F7 Datasheet
969Kb / 7P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STP45N10FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16N10L STMICROELECTRONICS-STP16N10L Datasheet
50Kb / 5P
   N - CHANNEL 100V - 0.14 ohm - 16A - TO-220 POWER MOS TRANSISTOR
IRF540 STMICROELECTRONICS-IRF540 Datasheet
53Kb / 6P
   N - CHANNEL100V - 00.50ohm - 30A - TO-220/TO-220FI POWER MOSFET
STP45NE06 STMICROELECTRONICS-STP45NE06 Datasheet
90Kb / 6P
   N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFETO POWER MOSFET
STP45NE06L STMICROELECTRONICS-STP45NE06L Datasheet
88Kb / 6P
   N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFET POWER MOSFET
STP4N20 STMICROELECTRONICS-STP4N20 Datasheet
82Kb / 8P
   N - CHANNEL 200V - 1.3 ohm - 4A TO-220 POWER MOS TRANSISTOR
STP60NE10 STMICROELECTRONICS-STP60NE10 Datasheet
108Kb / 9P
   N - CHANNEL 100V - 0.016W - 60A TO-220/TO-220FP STripFET] POWER MOSFET
logo
E-CMOS Corporation
EC731030D E-CMOS-EC731030D Datasheet
429Kb / 7P
   100V , 45A N-Channel
logo
STMicroelectronics
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
   N-channel 100V - 0.021??- 50A TO-220 STripFET??Power MOSFET
STP50NE10L STMICROELECTRONICS-STP50NE10L Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
STP120NF10 STMICROELECTRONICS-STP120NF10 Datasheet
376Kb / 15P
   N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com