Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5FN208I Datasheet(PDF) 80 Page - Lattice Semiconductor

Part # LC5512MC-5FN208I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5FN208I Datasheet(HTML) 80 Page - Lattice Semiconductor

Back Button LC5512MC-5FN208I Datasheet HTML 76Page - Lattice Semiconductor LC5512MC-5FN208I Datasheet HTML 77Page - Lattice Semiconductor LC5512MC-5FN208I Datasheet HTML 78Page - Lattice Semiconductor LC5512MC-5FN208I Datasheet HTML 79Page - Lattice Semiconductor LC5512MC-5FN208I Datasheet HTML 80Page - Lattice Semiconductor LC5512MC-5FN208I Datasheet HTML 81Page - Lattice Semiconductor LC5512MC-5FN208I Datasheet HTML 82Page - Lattice Semiconductor LC5512MC-5FN208I Datasheet HTML 83Page - Lattice Semiconductor LC5512MC-5FN208I Datasheet HTML 84Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
80
-
-
GND
-
-
-
GND
GND
2
46P
I4
J2
L2
I5
Y12
AF19
2
46N
I6
J3
L3
I7
AA13
AF20
2
47P
I8
J4
L4
I9
V12
AF21
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
47N
I10
J5
L5
I11
U12
AF22
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
48P
I12
J6
L6
I13
AB13
AF23
2
48N
I14
J7
L7
I15
Y13
AF24
2
49P
I16
L0
-
I17
V13
AE17
2
49N
I18/VREF2
L1
-
I19
W13
AE18
2
50P
I20
J8
L8
I21
V14
AE19
2
50N
I22
J9
L9
I23
W14
AE20
2
51P
I24
J10
L10
I25
Y14
AE21
2
51N
I26
J11
L11
I27
AB14
AE22
2
52P
I28
J12
L12
I29
AB15
AE23
2
52N
I30
J13
L13
I31
AA15
AE24
2
53P
J0
J14
L14
J1
U13
AD17
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
53N
J2
J15
L15
J3
U14
AD18
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
54P
J4
L2
I0
J5
W15
AD19
2
54N
J6
L3
I2
J7
W16
AD20
2
55P
J8
L4
I4
J9
Y16
AD21
2
55N
J10
L5
I6
J11
AA16
AD22
2
56P
J12
L6
I8
J13
AB16
AD23
2
56N
J14
L7
I10
J15
AA17
AD24
2
57P
J16
L8
I12
J17
Y17
AC22
2
57N
J18
L9
I16
J19
AA18
AC21
2
58P
J20
L10
I20
J21
W17
AC18
-
-
VCC
-
-
-
VCC
VCC
2
58N
J22
L11
I22
J23
W18
AC19
-
-
GND
-
-
-
GND
GND
2
59P
J24
L12
-
J25
V15
AC20
-
-
VCCO2
-
-
VCCO2
VCCO2
2
59N
J26
L13
-
J27
U15
AB21
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
60P
J28
L14
-
J29
Y18
AB18
2
60N
J30
L15
-
J31
V17
AB19
2
61P
K0
L16
-
K1
V16
AB20
2
61N
K2
L17
-
K3
U16
AA20
2
62P
K4
L18
-
K5
AB18
AA19
2
62N
K6
L19
-
K7
AB19
Y19
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-5FN208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5FN208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com