Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3721 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3721
Description  Power Monitor IC with Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3721 Datasheet(HTML) 1 Page - International Rectifier

  IR3721 Datasheet HTML 1Page - International Rectifier IR3721 Datasheet HTML 2Page - International Rectifier IR3721 Datasheet HTML 3Page - International Rectifier IR3721 Datasheet HTML 4Page - International Rectifier IR3721 Datasheet HTML 5Page - International Rectifier IR3721 Datasheet HTML 6Page - International Rectifier IR3721 Datasheet HTML 7Page - International Rectifier IR3721 Datasheet HTML 8Page - International Rectifier IR3721 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IR3721
DATA SHEET
Page 1 of 16
www.irf.com
07/14/08
Power Monitor IC with
Analog Output
FEATURES
Accurate TruePower
TM monitor
• 2.5% static accuracy
• Minimizes dynamic errors
Minimizes power dissipation
• 5mV - 150mV full scale current range
Versatile
• Monitors power or current
• Single buck or multiphase converters
• Inductor DCR or resistive shunt sensing
Simple add-on to existing converters
10 pin 3x3 DFN lead free package
RoHS compliant
DESCRIPTION
The IR3721 is a versatile power or current monitor IC
for low-voltage DC-DC converters. The IR3721
monitors the inductor current in buck or multiphase
converters using either a current sensing resistor or the
inductor’s winding resistance (DCR). The output (DI) is
a pulse code modulated signal whose duty ratio is
proportional to the inductor current. An analog voltage
that is proportional to power is realized by connecting
VK to VO and connecting an RC filter to DI.
The IR3721 uses Patent Pending TruePower
TM
technology to accurately capture highly dynamic power
waveforms typical of microprocessor loads.
TYPICAL APPLICATION CIRCUIT
ORDERING INFORMATION
Device
Package
Order Quantity
IR3721MTRPBF
10 lead DFN (3x3 mm body)
3000 piece reel
* IR3721MPBF
10 lead DFN (3x3 mm body)
121 piece tube
*
Samples only


Similar Part No. - IR3721

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3721 IRF-IR3721 Datasheet
340Kb / 16P
   Power Monitor IC with
IR3721MPBF IRF-IR3721MPBF Datasheet
340Kb / 16P
   Power Monitor IC with
IR3721MTRPBF IRF-IR3721MTRPBF Datasheet
340Kb / 16P
   Power Monitor IC with
IR3721 IRF-IR3721_09 Datasheet
340Kb / 16P
   Power Monitor IC with
More results

Similar Description - IR3721

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3721 IRF-IR3721_09 Datasheet
340Kb / 16P
   Power Monitor IC with
logo
Siemens Semiconductor G...
TLE4910G SIEMENS-TLE4910G Datasheet
290Kb / 11P
   HALL-EFFECT IC WITH ANALOG OUTPUT
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
   Power Monitor IC
KOM-5121 KODENSHI-KOM-5121 Datasheet
236Kb / 1P
   Power Monitor IC
KOM-1021 KODENSHI-KOM-1021 Datasheet
242Kb / 1P
   Power Monitor IC
logo
Texas Instruments
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
INA223 TI1-INA223 Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
INA223 TI-INA223_15 Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com