Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3810MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR3810MPBF
Description  SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3810MPBF Datasheet(HTML) 2 Page - International Rectifier

  IR3810MPBF Datasheet HTML 1Page - International Rectifier IR3810MPBF Datasheet HTML 2Page - International Rectifier IR3810MPBF Datasheet HTML 3Page - International Rectifier IR3810MPBF Datasheet HTML 4Page - International Rectifier IR3810MPBF Datasheet HTML 5Page - International Rectifier IR3810MPBF Datasheet HTML 6Page - International Rectifier IR3810MPBF Datasheet HTML 7Page - International Rectifier IR3810MPBF Datasheet HTML 8Page - International Rectifier IR3810MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
03/07/08
2
PD-60344
IR3810MPbF
PACKAGE INFORMATION
5mm x 6mm POWER QFN
Fig. 2: Package outline (Top view)
W
/
C
2
θ
W
/
C
35
θ
o
PCB
J
o
JA
=
=
-
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND)
•V
IN Supply Voltage
-0.3V to 24V
Vcc Supply Voltage
-0.3V to 16V
Vc Supply Voltage
-0.3V to 30V
SW
-0.3V to 30V
Fb,COMP,SS,Vp
-0.3V to 3.5V
•OCSet
10mA
AGnd to PGnd
-0.3V to +0.3V
Storage Temperature Range
-65
°C To 150°C
Operating Junction Temperature Range
-40
°C To 150°C
ESD Classification
JEDEC, JESD22-A114
Moisture Sensitivity Level
JEDEC Level 3 @ 260oC
Caution: Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to “Absolute Maximum
Rating” conditions for extended periods may affect device reliability.
4000
PARTS PER
REEL
15
PIN
COUNTS
IR3810MTRPBF
PACKAGE
DESCRIPTION
M
PACKAGE
DESIGNATOR
ORDERING INFORMATION
12
VIN
11
SW
10
PGnd
15
AGnd
1
23
4
5
6
7
8
9
14
13
Vp
FB COMP AGnd AGnd SS OCSet
Vref
V
CC
HG
Vc


Similar Part No. - IR3810MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3810MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MPBF IRF-IR3876MPBF Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com