Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52FN208I Datasheet(PDF) 22 Page - Lattice Semiconductor

Part # LC5512MC-52FN208I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52FN208I Datasheet(HTML) 22 Page - Lattice Semiconductor

Back Button LC5512MC-52FN208I Datasheet HTML 18Page - Lattice Semiconductor LC5512MC-52FN208I Datasheet HTML 19Page - Lattice Semiconductor LC5512MC-52FN208I Datasheet HTML 20Page - Lattice Semiconductor LC5512MC-52FN208I Datasheet HTML 21Page - Lattice Semiconductor LC5512MC-52FN208I Datasheet HTML 22Page - Lattice Semiconductor LC5512MC-52FN208I Datasheet HTML 23Page - Lattice Semiconductor LC5512MC-52FN208I Datasheet HTML 24Page - Lattice Semiconductor LC5512MC-52FN208I Datasheet HTML 25Page - Lattice Semiconductor LC5512MC-52FN208I Datasheet HTML 26Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
22
Absolute Maximum Ratings
1, 2, 3
ispXPLD 5000MC
ispXPLD 5000MB/V
1.8V
2.5V/3.3V
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 2.5V . . . . . . . . . . . . . . . . -0.5 to 5.5V
PLL Supply Voltage (VCCP) . . . . . . . . . . . . . . . . . . -0.5 to 2.5V . . . . . . . . . . . . . . . . -0.5 to 5.5V
Output Supply Voltage (VCCO) . . . . . . . . . . . . . . . . -0.5 to 4.5V . . . . . . . . . . . . . . . . -0.5 to 4.5V
IEEE 1149.1 TAP Supply Voltage (VCCJ) . . . . . . . . -0.5 to 4.5V . . . . . . . . . . . . . . . . -0.5 to 4.5V
Input Voltage Applied
4, 5 . . . . . . . . . . . . . . . . . . . . . -0.5 to 5.5V . . . . . . . . . . . . . . . . -0.5 to 5.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . -65 to 150°C . . . . . . . . . . . . . . . -65 to 150°C
Junction Temperature (TJ) with Power Applied . . . -55 to 150°C . . . . . . . . . . . . . . . -55 to 150°C
1. Stress above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, following the programming specifications).
2. Compliance with the Lattice Thermal Management document is required.
3. All voltages referenced to GND.
4. Overshoot and Undershoot of -2V to (VIHMAX +2) volts not to exceed 6V is permitted for a duration of <20ns.
5. A maximum of 64 I/Os per device with VIN > 3.6V is allowed.
Recommended Operating Conditions
E
2CMOS Erase Reprogram Specifications
Hot Socketing Characteristics
1, 2, 3, 4
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage for 1.8V Devices (ispXPLD 5000MC)
1.65
1.95
V
Supply Voltage for 2.5V Devices (ispXPLD 5000MB)
2.3
2.7
V
Supply Voltage for 3.3V Devices (ispXPLD 5000MV)
3
3.6
V
VCCP
PLL Block Supply Voltage for PLL 1.8V Devices
1.65
1.95
V
PLL Block Supply Voltage for PLL 2.5V Devices
2.3
2.7
V
PLL Block Supply Voltage for PLL 3.3V Devices
3
3.6
V
TJ
Junction Temperature (Commercial Operation)
0
90
C
Junction Temperature (Industrial Operation)
-40
105
C
Parameter
Min.
Max.
Units
Erase/Reprogram Cycle
1
1,000
Cycles
1. Valid over commercial temperature range.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IDK
Input or I/O Leakage Current
0 ≤ VIN ≤ 3.0V
+/-50
+/-800
μA
1. Insensitive to sequence of VCC and VCCO when VCCO ≤ 1.0V. For VCCO > 1.0V, VCC min must be present. However, assumes monotonic
rise/fall rates for VCC and VCCO, provided (VIN - VCCO) ≤ 3.6V.
2. 0 ≤ VCC ≤ VCC (MAX), 0 ≤ VCCO ≤ VCCO (MAX)
3. IDK is additive to IPU, IPD or IBH. Device defaults to pull-up until non-volatile cells are active.
4. LVTTL, LVCMOS only.


Similar Part No. - LC5512MC-52FN208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52FN208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com