Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3822AMPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3822AMPBF
Description  HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3822AMPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3822AMPBF_1 Datasheet HTML 1Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 2Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 3Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 4Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 5Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 6Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 7Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 8Page - International Rectifier IR3822AMPBF_1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
03/07/08
5
PD-60345
IR3822AMPbF
Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
TYP
MAX
Units
Power Loss
Power Loss
Ploss
Vcc=Vin=12V, Vc=24V, Vo=1.8V,
Io=6A, L=2.2uH, Note3
1.8
W
MOSFET Rds(on)
Top Switch
Rds(on)_Top
ID=6A, Tj(MOSFET)=25
oC
18
23
Bottom Switch
Rds(on)_Bot
ID=6A, Tj(MOSFET)=25
oC
18
23
m
Ω
Reference Voltage
Feedback Voltage
VFB
0.6
V
0
oC<Tj<105oC
-1.35
+13.5
%
Accuracy
-40
oC<Tj<105oC, Note2
-1.5
+1.5
%
Supply Current
VCC Supply Current (Static)
ICC(Static)
SS=0V, No Switching
10
13
VC Supply Current
(Static)
IC(Static)
SS=0V, No Switching
4.5
7
VCC Supply Current
(Dynamic)
ICC(Dynamic)
SS=3V, Vc=24V, Vcc=Vin=12V.
Vo=1.8V, Io=0A
13
20
VC Supply Current
(Dynamic)
IC(Dynamic)
SS=3V, Vc=24V, Vcc=Vin=12V.
Vo=1.8V, Io=0A
13
20
mA
Under Voltage Lockout
VCC-Start-Threshold
VCC_UVLO(R)
Supply ramping up
4.0
4.4
VCC-Stop-Threshold
VCC_UVLO(F)
Supply ramping down
3.7
4.1
VCC-Hysteresis
Supply ramping up and down
0.15
0.25
0.3
VC-Start-Threshold
VC_UVLO(R)
Supply ramping up
3.1
3.5
VC-Stop-Threshold
VC_UVLO(F)
Supply ramping down
2.85
3.25
VC-Hysteresis
Supply ramping up and down
0.15
0.2
0.25
V
Electrical Specifications
Unless otherwise specified, these specification apply over Vin=V
cc=Vc=12V, 0
oC<T
j(Ic)<105
oC.
Typical values are specified at T
a = 25
oC.
Symbol
Definition
Min
Max
Units
Vin
Input Voltage
2.5
21
Vcc
Supply Voltage
4.5
14
Vc
Supply Voltage
Vin + 5V
28
Vo
Output Voltage
0.6
12
V
Io Note1
Output Current
0
6
A
Tj
Junction Temperature
-40
125
oC


Similar Part No. - IR3822AMPBF_1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3822AMPBF_1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com