Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3822AMPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3822AMPBF
Description  HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3822AMPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3822AMPBF Datasheet HTML 1Page - International Rectifier IR3822AMPBF Datasheet HTML 2Page - International Rectifier IR3822AMPBF Datasheet HTML 3Page - International Rectifier IR3822AMPBF Datasheet HTML 4Page - International Rectifier IR3822AMPBF Datasheet HTML 5Page - International Rectifier IR3822AMPBF Datasheet HTML 6Page - International Rectifier IR3822AMPBF Datasheet HTML 7Page - International Rectifier IR3822AMPBF Datasheet HTML 8Page - International Rectifier IR3822AMPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
03/07/08
4
PD-60345
IR3822AMPbF
Pin Description
Pin Name
Description
1
Vsns
PGood sense pin. Use two external resistors to program the power
good threshold.
2
Fb
Inverting input to the error amplifier. This pin is connected directly to the
output of the regulator via resistor divider to set the output voltage and
provide feedback to the error amplifier.
3
Comp
Output of error amplifier.
4
AGnd
Signal ground for internal reference and control circuitry.
5
AGnd
Signal ground for internal reference and control circuitry.
6
SS/SD
Soft start / shutdown. This pin provides user programmable soft-start
function. Connect an external capacitor from this pin to signal ground
(AGnd) to set the start up time of the output voltage. The converter can
be shutdown by pulling this pin below 0.3V.
7
OCSet
Current limit set point. A resistor from this pin to SW pin will set the
current limit threshold.
8
V
CC
This pin provides biasing voltage for the internal blocks of the IC. It also
powers the low side driver. A minimum of 0.1uF, high frequency
capacitor must be connected from this pin to power ground (PGnd).
9
PGood
Power Good status pin. Output is open collector. Connect a pull up
resistor from this pin to Vcc.
10
PGnd
Power Ground. This pin serves as a separated ground for the MOSFET
drivers and should be connected to the system’s power ground plane.
11
SW
Switch node. This pin is connected to the output inductor
12
V
IN
Input voltage connection pin
13
HG
This pin is connected to the high side Mosfet gate. Connect a small
capacitor from this pin to switch node (SW).
14
V
C
This pin powers the high side driver and must be connected to a voltage
higher than input voltage. A minimum of 0.1uF high frequency capacitor
must be connected from this pin to the power ground (PGnd).
15
AGnd
Signal ground for internal reference and control circuitry.
Pins 4, 5 and 15 need to be connected together on system board.


Similar Part No. - IR3822AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3822AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com