Electronic Components Datasheet Search |
|
XC6206P382PL Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6206P382PL Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 17 page 1/17 ETR0305_002 ■APPLICATIONS ●Battery powered equipment ●Reference voltage sources ●Cameras, video cameras ●Portable AV systems ●Mobile phones ●Portable games ●Cordless phones, wireless communication equipment ■TYPICAL APPLICATION CIRCUIT ■FEATURES CMOS Maximum Output Current Dropout Voltage Maximum Operating Voltage Output Voltage Range Highly Accurate Low Power Consumption Operating Temperature Range Low ESR Capacitor Current Limit Circuit Built-in Ultra Small Package ■TYPICAL PERFORMANCE CHARACTERISTICS : 250mA (5.0V type) : 250mV @ 100mA (3.0V type) : 6.0V : 1.2V ~ 5.0V (0.1V increments) : Fixed voltage accuracy ±2% (+30mV@VOUT<1.5V) (+1% @VOUT>2.0V) : 1.0 μA (TYP.) : -40OC ~ 85 OC : Ceramic capacitor compatible : SOT-23 (250mW) SOT-89 (500mW) TO-92 (300mW) USP-6B (100mW) ■GENERAL DESCRIPTION The XC6206 series are highly precise, low power consumption, high voltage, positive voltage regulators manufactured using CMOS and laser trimming technologies. The series provides large currents with a significantly small dropout voltage. The XC6206 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error correction circuit. The series is compatible with low ESR ceramic capacitors. The currrent limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin. Output voltage can be set internally by laser trimming technologies. It is selectable in 0.1V increments within a range of 1.2V to 5.0V. SOT-23, SOT-89, TO-92 and USP-6B packages are available. |
Similar Part No. - XC6206P382PL |
|
Similar Description - XC6206P382PL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |