Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75FN208I Datasheet(PDF) 59 Page - Lattice Semiconductor

Part # LC5512MC-75FN208I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75FN208I Datasheet(HTML) 59 Page - Lattice Semiconductor

Back Button LC5512MC-75FN208I Datasheet HTML 55Page - Lattice Semiconductor LC5512MC-75FN208I Datasheet HTML 56Page - Lattice Semiconductor LC5512MC-75FN208I Datasheet HTML 57Page - Lattice Semiconductor LC5512MC-75FN208I Datasheet HTML 58Page - Lattice Semiconductor LC5512MC-75FN208I Datasheet HTML 59Page - Lattice Semiconductor LC5512MC-75FN208I Datasheet HTML 60Page - Lattice Semiconductor LC5512MC-75FN208I Datasheet HTML 61Page - Lattice Semiconductor LC5512MC-75FN208I Datasheet HTML 62Page - Lattice Semiconductor LC5512MC-75FN208I Datasheet HTML 63Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
59
——
VCCO2
——
85
VCCO2
VCCO2
2
29N
E10
F5
H5
E11
86
M10
U12
GND (Bank 2)
87
GND (Bank 2) GND (Bank 2)
2
30P
E12
F6
H6
E13
88
M11
AB13
2
30N
E16
F7
H7
E17
89
T13
Y13
2
31P
E18
E19
90
P11
V13
2
31N
E20/VREF2
E21
91
T14
W13
2
32P
E22
F8
H8
E23
92
R12
V14
2
32N
E24
F9
H9
E25
93
R13
W14
2
33P
E26
F10
H10
E27
94
N11
Y14
2
33N
E28
F11
H11
E29
95
T15
AB14
2
34P
F0
F12
H12
F1
96
R14
AB15
2
34N
F2
F13
H13
F3
97
N12
AA15
2
35P
F4
F14
H14
F5
98
P12
U13
——
VCCO2
——
VCCO2
VCCO2
2
35N
F6
F15
H15
F7
99
R15
U14
GND (Bank 2)
GND (Bank 2) GND (Bank 2)
2
36P
F8
E0
F9
W15
2
36N
F10
E2
F11
W16
2
37P
F12
E4
F13
Y16
2
37N
F16
E6
F17
AA16
2
38P
F18
E8
F19
AB16
2
38N
F20
E10
F21
AA17
2
39P
F22
E12
F23
Y17
2
39N
F24
E16
F25
AA18
2
40P
F26
E20
F27
W17
2
40N
F28
E22
F29
W18
2
41P
G0
G1
V15
——
VCCO2
100
VCCO2
VCCO2
2
41N
G2
G3
U15
GND (Bank 2)
101
GND (Bank 2) GND (Bank 2)
2
42P
G4
G5
102
P13
Y18
2
42N
G6
G7
103
P15
V17
2
43P
G8
G9
M13
V16
2
43N
G10
G11
P14
U16
2
44P
G12
G13
AB18
2
44N
G14
G15
AB19
2
45P
G16
G17
U18
2
45N
G18
G19
T17
2
46P
G20
G21
104
R16
AB20
2
46N
G22
G23
105
P16
AA20
2
47P
G24
G25
106
N15
Y19
——
VCCO2
107
VCCO2
VCCO2
ispXPLD 5512MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS
Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Input
208 PQFP
Pin Number
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1 Macrocell 2


Similar Part No. - LC5512MC-75FN208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75FN208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com