Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S561632C-L1H Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4S561632C-L1H
Description  256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S561632C-L1H Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4S561632C-L1H Datasheet HTML 3Page - Samsung semiconductor K4S561632C-L1H Datasheet HTML 4Page - Samsung semiconductor K4S561632C-L1H Datasheet HTML 5Page - Samsung semiconductor K4S561632C-L1H Datasheet HTML 6Page - Samsung semiconductor K4S561632C-L1H Datasheet HTML 7Page - Samsung semiconductor K4S561632C-L1H Datasheet HTML 8Page - Samsung semiconductor K4S561632C-L1H Datasheet HTML 9Page - Samsung semiconductor K4S561632C-L1H Datasheet HTML 10Page - Samsung semiconductor K4S561632C-L1H Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
K4S561632C
CMOS SDRAM
Rev. 0.4 Sept. 2001
IOH Characteristics (Pull-up)
Voltage
100MHz
133MHz
Min
100MHz
133MHz
Max
66MHz
Min
(V)
I (mA)
I (mA)
I (mA)
3.45
-2.4
3.3
-27.3
3.0
0.0
-74.1
-0.7
2.6
-21.1
-129.2
-7.5
2.4
-34.1
-153.3
-13.3
2.0
-58.7
-197.0
-27.5
1.8
-67.3
-226.2
-35.5
1.65
-73.0
-248.0
-41.1
1.5
-77.9
-269.7
-47.9
1.4
-80.8
-284.3
-52.4
1.0
-88.6
-344.5
-72.5
0.0
-93.0
-502.4
-93.0
IBIS SPECIFICATION
IOL Characteristics (Pull-down)
Voltage
100MHz
133MHz
Min
100MHz
133MHz
Max
66MHz
Min
(V)
I (mA)
I (mA)
I (mA)
0.0
0.0
0.0
0.0
0.4
27.5
70.2
17.7
0.65
41.8
107.5
26.9
0.85
51.6
133.8
33.3
1.0
58.0
151.2
37.6
1.4
70.7
187.7
46.6
1.5
72.9
194.4
48.0
1.65
75.4
202.5
49.5
1.8
77.0
208.6
50.7
1.95
77.6
212.0
51.5
3.0
80.3
219.6
54.2
3.45
81.4
222.6
54.9
0
-100
-200
-300
-400
-500
-600
0
3
0.5
1
1.5
2
2.5
3.5
Voltage
250
200
150
100
50
0
0
3
0.5
1
1.5
2
2.5
3.5
Voltage
66MHz and 100MHz/133MHz Pull-up
66MHz and 100MHz/133MHz Pull-down
IOH Min (100MHz/133MHz)
IOH Max (100MHz/133MHz)
IOH Min (66MHz)
IOH Min (100MHz/133MHz)
IOH Max (100MHz/133MHz)
IOH Min (66MHz)


Similar Part No. - K4S561632C-L1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A-TC/L1H SAMSUNG-K4S561632A-TC/L1H Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A-TC/L1L SAMSUNG-K4S561632A-TC/L1L Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A-TC/L75 SAMSUNG-K4S561632A-TC/L75 Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A-TC/L80 SAMSUNG-K4S561632A-TC/L80 Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S561632C-L1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D SAMSUNG-K4S561632D Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Samsung semiconductor
K4S560432B SAMSUNG-K4S560432B Datasheet
130Kb / 11P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560832A SAMSUNG-K4S560832A Datasheet
126Kb / 10P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832C SAMSUNG-K4S560832C Datasheet
113Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com