Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP4NA100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP4NA100
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NA100 Datasheet(HTML) 4 Page - STMicroelectronics

  STP4NA100 Datasheet HTML 1Page - STMicroelectronics STP4NA100 Datasheet HTML 2Page - STMicroelectronics STP4NA100 Datasheet HTML 3Page - STMicroelectronics STP4NA100 Datasheet HTML 4Page - STMicroelectronics STP4NA100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
STP4NA100
4/5


Similar Part No. - STP4NA100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA40F1 STMICROELECTRONICS-STP4NA40F1 Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA40FI STMICROELECTRONICS-STP4NA40FI Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STP4NA60 VBSEMI-STP4NA60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STP4NA100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NA40 STMICROELECTRONICS-STD4NA40 Datasheet
169Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP6NA60 STMICROELECTRONICS-STP6NA60 Datasheet
206Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STP6NA80 NJSEMI-STP6NA80 Datasheet
153Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STH7NA80FI NJSEMI-STH7NA80FI Datasheet
154Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com