Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-L6219DS Datasheet(PDF) 6 Page - STMicroelectronics

Part # E-L6219DS
Description  Stepper motor driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6219DS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button E-L6219DS Datasheet HTML 2Page - STMicroelectronics E-L6219DS Datasheet HTML 3Page - STMicroelectronics E-L6219DS Datasheet HTML 4Page - STMicroelectronics E-L6219DS Datasheet HTML 5Page - STMicroelectronics E-L6219DS Datasheet HTML 6Page - STMicroelectronics E-L6219DS Datasheet HTML 7Page - STMicroelectronics E-L6219DS Datasheet HTML 8Page - STMicroelectronics E-L6219DS Datasheet HTML 9Page - STMicroelectronics E-L6219DS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Block diagram
L6219
6/16
Figure 2.
SO24/PDIP24 pins connection (top view)
Table 3.
Pin functions
Pin #
Name
Description
1, 2
Output A
See pins 5, 21
3, 23
Sense resistor
Connection to lower emitters of output stage for insertion of
current sense resistor
4, 22
Comparator input
Input connected to the comparators. The voltage across the
sense resistor is feedback to this input throught the low pass
filter RC CC. The higher power transistors are disabled
when the sense voltage exceeds the reference voltage of
the selected comparator. When this occurs the current
decays for a time set by RT CT (toff = 1.1 RT CT). See
Figure 3.
5, 21
Output B
Output Connection. The output stage is a "H" bridge formed
by four transistors and four diodes suitable for switching
applications
6, 19
Ground
See pins 7, 18
7, 18
Ground
Ground connection. With pins 6 and 19 also conducts heat
from die to printed circuit copper
8, 20
Input 0
See Input 1 (pins 9, 17)
9, 17
Input 1
These pins and pins 8, 20 (input 0) are logic inputs which
select the outputs of the comparators to set the current
level. Current also depends on the sensing resistor and
reference voltage. See functional description


Similar Part No. - E-L6219DS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L6219DSA STMICROELECTRONICS-E-L6219DSA Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
E-L6219DSATR STMICROELECTRONICS-E-L6219DSATR Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
More results

Similar Description - E-L6219DS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com