Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-L6219R013TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # E-L6219R013TR
Description  Stepper motor driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6219R013TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button E-L6219R013TR Datasheet HTML 2Page - STMicroelectronics E-L6219R013TR Datasheet HTML 3Page - STMicroelectronics E-L6219R013TR Datasheet HTML 4Page - STMicroelectronics E-L6219R013TR Datasheet HTML 5Page - STMicroelectronics E-L6219R013TR Datasheet HTML 6Page - STMicroelectronics E-L6219R013TR Datasheet HTML 7Page - STMicroelectronics E-L6219R013TR Datasheet HTML 8Page - STMicroelectronics E-L6219R013TR Datasheet HTML 9Page - STMicroelectronics E-L6219R013TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Block diagram & pins description
L6219R
6/16
Note:
ESD on GND, Vs, Vss, OUT 1A and OUT 2A is guaranteed up to 1.5KV (Human Body
Model, 1500W, 100pF).
7;18
GROUND
Ground Connection. With pins 6 and 19 also conducts heat from die to
printed circuit copper.
8;20
INPUT 0
See INPUT 1 (pins 9;17)
9;17
INPUT 1
These pins and pins 8;20 (INPUT 0) are logic inputs which select the
outputs of the comparators to set the current level. Current also depends
on the sensing resistor and reference voltage. See Funcional
Description.
10;16
PHASE
This TTL-compatible logic inputs sets the direction of current flow through
the load. A high level causes current to flow from OUTPUT A (source) to
OUTPUT B (sink). A schmitt trigger on this input provides good noise
immunity and a delay circuit prevents output stage short circuits during
switching.
11;15
REFERENCE
VOLTAGE
A voltage applied to this pin sets the reference voltage of the
comparators, this determining the output current (also thus depending on
Rs and the two inputs INPUT 0 and INPUT 1).
12;14
RC
A parallel RC network connected to this pin sets the OFF time of the
higher power transistors. The pulse generator is a monostable triggered
by the output of the comparators (toff = 1.1 RT CT).
13
Vss - LOGIC
SUPPLY
Supply Voltage Input for Logic Circuitry
24
Vs - LOAD
SUPPLY
Supply Voltage Input for the Output Stages.
Table 1.
Pin description (continued)
Pin #
Name
Description


Similar Part No. - E-L6219R013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L6219 STMICROELECTRONICS-E-L6219 Datasheet
212Kb / 16P
   Stepper motor driver
E-L6219DS STMICROELECTRONICS-E-L6219DS Datasheet
212Kb / 16P
   Stepper motor driver
E-L6219DS013TR STMICROELECTRONICS-E-L6219DS013TR Datasheet
212Kb / 16P
   Stepper motor driver
E-L6219DSA STMICROELECTRONICS-E-L6219DSA Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
E-L6219DSATR STMICROELECTRONICS-E-L6219DSATR Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
More results

Similar Description - E-L6219R013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com