Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

616LP3E Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # 616LP3E
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

616LP3E Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button 616LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 616LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 616LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 616LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 616LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 616LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 616LP3E Datasheet HTML 8Page - Hittite Microwave Corporation 616LP3E Datasheet HTML 9Page - Hittite Microwave Corporation 616LP3E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
5
5 - 243
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC616LP3
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
616
XXXX
HMC616LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
616
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE
MUST BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR
SUGGESTED LAND PATTERN.
Package Information
HMC616LP3 / 616LP3E
v00.0508
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 175 - 660 MHz


Similar Part No. - 616LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
616LP3E HITTITE-616LP3E Datasheet
1Mb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
More results

Similar Description - 616LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC616LP3 HITTITE-HMC616LP3_10 Datasheet
1Mb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
HMC816LP4E HITTITE-HMC816LP4E Datasheet
452Kb / 8P
   SMT GaAs PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 230 - 660 MHz
HMC816LP4E HITTITE-HMC816LP4E_10 Datasheet
1Mb / 8P
   SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 230 - 660 MHz
logo
Analog Devices
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC564LC4 AD-HMC564LC4 Datasheet
1Mb / 7P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC758LP3 HITTITE-HMC758LP3 Datasheet
403Kb / 8P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC758LP3 HITTITE-HMC758LP3_10 Datasheet
1Mb / 8P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
logo
Analog Devices
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC817LP4E HITTITE-HMC817LP4E_10 Datasheet
1Mb / 8P
   SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com