Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QST508AB1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # QST508AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508AB1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button QST508AB1 Datasheet HTML 4Page - STMicroelectronics QST508AB1 Datasheet HTML 5Page - STMicroelectronics QST508AB1 Datasheet HTML 6Page - STMicroelectronics QST508AB1 Datasheet HTML 7Page - STMicroelectronics QST508AB1 Datasheet HTML 8Page - STMicroelectronics QST508AB1 Datasheet HTML 9Page - STMicroelectronics QST508AB1 Datasheet HTML 10Page - STMicroelectronics QST508AB1 Datasheet HTML 11Page - STMicroelectronics QST508AB1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
QST touch sensing technology
QST108
8/51
3
QST touch sensing technology
3.1
Functional description
QST devices employ bursts of charge-transfer cycles to acquire signals. Burst mode permits
low power operation, dramatically reduces RF emissions, lowers susceptibility to RF fields,
and yet permits excellent speed. Signals are processed using algorithms pioneered by
Quantum which are specifically designed to provide reliable, trouble-free operation over the
life of the product.
The QST switches and charge measurement hardware functions are all internal to the
device. An external CS capacitor accumulates the charge from sense-plate CX, which is
then measured. Larger values of CX cause the charge transferred into CS to rise more
rapidly, reducing available resolution. As a minimum resolution is required for proper
operation, this can result in dramatically reduced gain. Larger values of CS reduce the rise
of differential voltage across it, increasing available resolution by permitting longer QST
bursts. The value of CS can thus be increased to allow larger values of CX to be tolerated.
The device is responsive to both CX and CS, and changes in either can result in substantial
changes in sensor gain.
Figure 2.
QTouch™ measuring circuitry
3.2
Spread-spectrum operation
The bursts operate over a spread of frequencies, so that external fields will have minimal
effect on key operation and emissions are very weak. Spread-spectrum operation works
with the Detection Integrator mechanism (DI) to dramatically reduce the probability of false
detection due to noise.
Ai12569
SNS_SCKn
SNSK_SCKn
Sense capacitor
CS (a few nF)
Cx (~20 pF)
CT (~5 pF)
Earth
Serial resistor
RS (10 kΩ)


Similar Part No. - QST508AB1

ManufacturerPart #DatasheetDescription
logo
Rohm
QST5 ROHM-QST5 Datasheet
69Kb / 3P
   Low frequency amplifier
QST5 ROHM-QST5 Datasheet
61Kb / 3P
   Low frequency amplifier
QST5TR ROHM-QST5TR Datasheet
61Kb / 3P
   Low frequency amplifier
More results

Similar Description - QST508AB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
QST108 STMICROELECTRONICS-QST108 Datasheet
633Kb / 38P
   Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
QST104 STMICROELECTRONICS-QST104 Datasheet
454Kb / 45P
   Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
logo
Avia Semiconductor Co.,...
HX612 AVIA-HX612 Datasheet
55Kb / 1P
   Capacitive Touch Key Controller (over 25 keys)
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
   Capacitive Touch M-KEY Sensor
logo
STMicroelectronics
STMPE821 STMICROELECTRONICS-STMPE821_09 Datasheet
661Kb / 55P
   8-channel capacitive touch key controller
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-KSF TONTEK-TTP229-KSF Datasheet
336Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com