Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5F256I Datasheet(PDF) 89 Page - Lattice Semiconductor

Part # LC5512MC-5F256I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5F256I Datasheet(HTML) 89 Page - Lattice Semiconductor

Back Button LC5512MC-5F256I Datasheet HTML 84Page - Lattice Semiconductor LC5512MC-5F256I Datasheet HTML 85Page - Lattice Semiconductor LC5512MC-5F256I Datasheet HTML 86Page - Lattice Semiconductor LC5512MC-5F256I Datasheet HTML 87Page - Lattice Semiconductor LC5512MC-5F256I Datasheet HTML 88Page - Lattice Semiconductor LC5512MC-5F256I Datasheet HTML 89Page - Lattice Semiconductor LC5512MC-5F256I Datasheet HTML 90Page - Lattice Semiconductor LC5512MC-5F256I Datasheet HTML 91Page - Lattice Semiconductor LC5512MC-5F256I Datasheet HTML 92Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
89
LC5512MB
LC5512MB-75Q208I
512
2.5
7.5
PQFP
208
149
I
LC5512MB-75F256I
512
2.5
7.5
fpBGA
256
193
I
LC5512MB-75F484I
512
2.5
7.5
fpBGA
484
253
I
LC5768MB
LC5768MB-75F256I
768
2.5
7.5
fpBGA
256
193
I
LC5768MB-75F484I
768
2.5
7.5
fpBGA
484
317
I
LC51024MB
LC51024MB-75F484I
1024
2.5
7.5
fpBGA
484
317
I
LC51024MB-75F672I
1024
2.5
7.5
fpBGA
672
381
I
ispXPLD 5000MV (3.3V) Commercial Devices
Device
Part Number
Macrocells Voltage (V)
tPD (ns)
Package
Pin/Ball
Count
I/O
Grade
LC5256MV
LC5256MV-4F256C
256
3.3
4.0
fpBGA
256
141
C
LC5256MV-5F256C
256
3.3
5.0
fpBGA
256
141
C
LC5256MV-75F256C
256
3.3
7.5
fpBGA
256
141
C
LC5512MV
LC5512MV-45Q208C
512
3.3
4.5
PQFP
208
149
C
LC5512MV-75Q208C
512
3.3
7.5
PQFP
208
149
C
LC5512MV-45F256C
512
3.3
4.5
fpBGA
256
193
C
LC5512MV-75F256C
512
3.3
7.5
fpBGA
256
193
C
LC5512MV-45F484C
512
3.3
4.5
fpBGA
484
253
C
LC5512MV-75F484C
512
3.3
7.5
fpBGA
484
253
C
LC5768MV
LC5768MV-5F256C
768
3.3
5.0
fpBGA
256
193
C
LC5768MV-75F256C
768
3.3
7.5
fpBGA
256
193
C
LC5768MV-5F484C
768
3.3
5.0
fpBGA
484
317
C
LC5768MV-75F484C
768
3.3
7.5
fpBGA
484
317
C
LC51024MV
LC51024MV-52F484C
1024
3.3
5.2
fpBGA
484
317
C
LC51024MV-75F484C
1024
3.3
7.5
fpBGA
484
317
C
LC51024MV-52F672C
1024
3.3
5.2
fpBGA
672
381
C
LC51024MV-75F672C
1024
3.3
7.5
fpBGA
672
381
C
ispXPLD 5000MV (3.3V) Industrial Devices
Device
Part Number
Macrocells Voltage (V)
tPD (ns)
Package
Pin/Ball
Count
I/O
Grade
LC5256MV
LC5256MV-5F256I
256
3.3
5.0
fpBGA
256
141
I
LC5256MV-75F256I
256
3.3
7.5
fpBGA
256
141
I
LC5512MV
LC5512MV-75Q208I
512
3.3
7.5
PQFP
208
149
I
LC5512MV-75F256I
512
3.3
7.5
fpBGA
256
193
I
LC5512MV-75F484I
512
3.3
7.5
fpBGA
484
253
I
LC5768MV
LC5768MV-75F256I
768
3.3
7.5
fpBGA
256
193
I
LC5768MV-75F484I
768
3.3
7.5
fpBGA
484
317
I
LC51024MV
LC51024MV-75F484I
1024
3.3
7.5
fpBGA
484
317
I
LC51024MV-75F672I
1024
3.3
7.5
fpBGA
672
381
I
ispXPLD 5000MB (2.5V) Industrial Devices (Continued)
Device
Part Number
Macrocells Voltage (V)
tPD (ns)
Package
Pin/Ball
Count
I/O
Grade


Similar Part No. - LC5512MC-5F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com