Electronic Components Datasheet Search |
|
LC93L-20 Datasheet(PDF) 3 Page - Bookham, Inc. |
|
LC93L-20 Datasheet(HTML) 3 Page - Bookham, Inc. |
3 / 4 page Outline Drawing Dimensions are in mm. Fibre Specification Puremode HI980 fibre or equivalent 250 µm primary coated with 900 µm removable protective sleeve, length 1m min. Fibre termination: Angled ceramic ferrule (CT connector). Parameter Min Max Unit Operating temperature -20 75 °C Storage temperature -40 85 °C Laser forward current 700 mA Laser reverse voltage 2 V Heatpump current 1.5 A Lead soldering temperature (10s max) 260 °C Fibre bend radius 30 mm Absolute Ratings 4 x ø2.54 9 9 MIN 12.7 4.59 26 30 21 10.1 6 5 4.5 8.2 17.25 15.2 Package End CT End Bridge Bridge Figure 1: Package Outline Drawing and Dimensions |
Similar Part No. - LC93L-20 |
|
Similar Description - LC93L-20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |