Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C1801024L-150B Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V62C1801024L-150B
Description  Ultra Low Power 128K x 8 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C1801024L-150B Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V62C1801024L-150B Datasheet HTML 2Page - Mosel Vitelic, Corp V62C1801024L-150B Datasheet HTML 3Page - Mosel Vitelic, Corp V62C1801024L-150B Datasheet HTML 4Page - Mosel Vitelic, Corp V62C1801024L-150B Datasheet HTML 5Page - Mosel Vitelic, Corp V62C1801024L-150B Datasheet HTML 6Page - Mosel Vitelic, Corp V62C1801024L-150B Datasheet HTML 7Page - Mosel Vitelic, Corp V62C1801024L-150B Datasheet HTML 8Page - Mosel Vitelic, Corp V62C1801024L-150B Datasheet HTML 9Page - Mosel Vitelic, Corp V62C1801024L-150B Datasheet HTML 10Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
V62C1801024L(L)
Data Retention Characteristics (L Version Only)(1)
Parameter
Symbol
Test Condition
Min
Max
Unit
VCC for Data Retention
VDR
CE1 > VCC - 0.2V or
1.0
-
V
Data Retention Current
ICCDR
CE2 < + 0.2V
-
1
µA
Chip Deselect to Data Retention Time
tCDR
VIN > VCC - 0.2V or
0
-
ns
Operation Recovery Time(2)
tR
VIN < 0.2V
tRC
-
ns
Data Retention Mode
VDR > 1.0V
Vcc_typ
VIH
VIH
VDR
V
CC
CE
t
R
t
CDR
Vcc_typ
Data Retention Waveform (L Version Only) (TA = 0
0C to +700C / -400C to +850C)
8
Notes
1. L-version includes this feature.
2. This Parameter is sampled and not 100% tested.
3. For test conditions, see AC Test Condition, Figure A.
4. This parameter is tested with CL = 5
pF as shown in Figure B. Transition is measured + 500mV from steady-state voltage.
5. This parameter is guaranteed, but is not tested.
6. WE is HIGH for read cycle.
7. CE1 and OE are LOW and CE2 is HIGH for read cycle.
8. Address valid prior to or coincident with CE1 transition LOW or CE2 transition HIGH.
9. All read cycle timings are referenced from the last valid address to the first transtion address.
10. CE1 or WE must be HIGH or CE2 must be LOW during address transition.
11. All write cycle timings are referenced from the last valid address to the first transition address.
REV. 1.1 April 2001 V62C1801024L(L)


Similar Part No. - V62C1801024L-150B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L-100T MOSEL-V62C1802048L-100T Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L-100V MOSEL-V62C1802048L-100V Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L-150T MOSEL-V62C1802048L-150T Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L-150V MOSEL-V62C1802048L-150V Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
More results

Similar Description - V62C1801024L-150B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com