Electronic Components Datasheet Search |
|
V62C3161024LL-55T Datasheet(PDF) 4 Page - Mosel Vitelic, Corp |
|
V62C3161024LL-55T Datasheet(HTML) 4 Page - Mosel Vitelic, Corp |
4 / 10 page V62C3161024L(L) Parameter Sym Unit Note Read Cycle Time tRC 55 - 70 - 85 - 100 - ns Address Access Time tAA - 55 - 70 - 85 - 100 ns Chip Enable Access Time tACE - 55 - 70 - 85 - 100 ns Output Enable Access Time tOE - 35 - 40 - 40 - 50 ns Output Hold from Address Change tOH 10 - 10 - 10 - 10 - ns Chip Enable to Output in Low-Z tLZ 10 - 10 - 10 - 10 - ns 4,5 Chip Disable to Output in High-Z tHZ - 25 - 30 - 35 - 40 ns 3,4,5 Output Enable to Output in Low-Z tOLZ 5 - 5 - 5 - 5 - ns Output Disable to Output in High-Z tOHZ - 25 - 25 - 30 - 35 ns BLE, BHE Enable to Output in Low-Z tBLZ 5 - 5 - 5 - 5 - ns 4,5 BLE, BHE Disable to Output in High-Z tBHZ - 25 - 25 - 30 - 35 ns 3,4,5 BLE, BHE Access Time tBA - 35 - 40 - 40 - 50 ns Read Cycle (9) (Vcc = 3.0V+0.3V, Gnd = 0V, TA = 0 0C to +700C / -400C to +850C) Write Cycle (11) (Vcc = 3.0V+0.3V, Gnd = 0V, TA = 0 0C to +700C / -400C to +850C) Parameter Symbol Unit Note Write Cycle Time tWC 55 - 70 - 85 - 100 - ns Chip Enable to Write End tCW 50 - 60 - 70 - 80 - ns Address Setup to Write End tAW 50 - 60 - 70 - 80 - ns Address Setup Time tAS 0 - 0 - 0 - 0 - ns Write Pulse Width tWP 45 - 50 - 60 - 70 - ns Write Recovery Time tWR 0 - 0 - 0 - 0 - ns Data Valid to Write End tDW 25 - 30 - 35 - 40 - ns Data Hold Time tDH 0 - 0 - 0 - 0 - ns Write Enable to Output in High-Z tWHZ - 25 - 30 - 35 - 40 ns Output Active from Write End tOW 5 - 5 - 5 - 5 - ns BLE, BHE Setup to Write End tBW 50 - 60 - 70 - 80 - ns Min Max Min Max Min Max Min Max -55 -70 -85 -100 4 Min Max Min Max Min Max Min Max -55 -70 -85 -100 REV. 1.1 April 2001 V62C3161024L(L) |
Similar Part No. - V62C3161024LL-55T |
|
Similar Description - V62C3161024LL-55T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |